Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFA060B-70 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFA060B-70
Description  Low Distortion GaAs Power FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EFA060B-70 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFA060B-70 Datasheet HTML 1Page - List of Unclassifed Manufacturers EFA060B-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S
S
D
G
20
44
19
4
Excelics
EFA060B-70
DATA SHEET
Low Distortion GaAs Power FET
NON-HERMETIC LOW COST CERAMIC 70mil PACKAGE
+24.0dBm TYPICAL OUTPUT POWER
7.5 dB TYPICAL POWER GAIN AT 12GHz
0.3 X 600 MICRON RECESSED “MUSHROOM” GATE
Si3N4 PASSIVATION
ADVANCED EPITAXIAL DOPING PROFILE
PROVIDES HIGH POWER EFFICIENCY,
LINEARITY AND RELIABILITY
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
f=12GHz
Vds=6V, Ids=50% Idss
f=18GHz
22.0
24.0
24.0
dBm
G1dB
Gain at 1dB Compression
f=12GHz
Vds=6V, Ids=50% Idss
f=18GHz
6.0
7.5
5.0
dB
PAE
Power Added Efficiency at 1dB Compression
Vds=6V, Ids=50% Idss
f=12GHz
33
%
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
100
170
240
mA
Gm
Transconductance
Vds=3V, Vgs=0V
70
90
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=1.5mA
-2.0
-3.5
V
BVgd
Drain Breakdown Voltage Igd=1.0mA
-10
-15
V
BVgs
Source Breakdown Voltage Igs=1.0mA
-6
-14
V
Rth
Thermal Resistance
175
*
oC/W
* Overall Rth depends on case mounting.
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
10V
6V
Vgs
Gate-Source Voltage
-6V
-4V
Ids
Drain Current
Idss
110mA
Igsf
Forward Gate Current
15mA
2.5mA
Pin
Input Power
22dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
780mW
650mW
Note: 1 Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
All Dimensions In mils.


Similar Part No. - EFA060B-70

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EFA060B-70 EXCELICS-EFA060B-70 Datasheet
23Kb / 2P
   Low Distortion GaAs Power FET
More results

Similar Description - EFA060B-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFA072A ETC-EFA072A Datasheet
43Kb / 2P
   Low Distortion GaAs Power FET
EFC120 ETC-EFC120 Datasheet
23Kb / 2P
   Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA025A-100P EXCELICS-EFA025A-100P Datasheet
107Kb / 2P
   Low Distortion GaAs Power FET
logo
List of Unclassifed Man...
EFA080A-100F ETC1-EFA080A-100F Datasheet
33Kb / 2P
   Low Distortion GaAs Power FET
EFC060B ETC1-EFC060B Datasheet
27Kb / 2P
   Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA240B EXCELICS-EFA240B Datasheet
39Kb / 2P
   Low Distortion GaAs Power FET
EFA240D EXCELICS-EFA240D Datasheet
24Kb / 2P
   Low Distortion GaAs Power FET
EFA480C EXCELICS-EFA480C Datasheet
28Kb / 2P
   Low Distortion GaAs Power FET
EFC120B EXCELICS-EFC120B Datasheet
28Kb / 2P
   Low Distortion GaAs Power FET
EFA018A EXCELICS-EFA018A Datasheet
157Kb / 2P
   Low Distortion GaAs Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com