Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21354LN Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS21354LN
Description  3.3V/5V E1 Single-Chip Transceivers
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21354LN Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS21354LN Datasheet HTML 1Page - Maxim Integrated Products DS21354LN Datasheet HTML 2Page - Maxim Integrated Products DS21354LN Datasheet HTML 3Page - Maxim Integrated Products DS21354LN Datasheet HTML 4Page - Maxim Integrated Products DS21354LN Datasheet HTML 5Page - Maxim Integrated Products DS21354LN Datasheet HTML 6Page - Maxim Integrated Products DS21354LN Datasheet HTML 7Page - Maxim Integrated Products DS21354LN Datasheet HTML 8Page - Maxim Integrated Products DS21354LN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
1 of 124
REV: 021004
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The
DS21354/DS213554
single-chip
transceivers
(SCTs) contain all the necessary functions to connect to
E1 lines. The devices are upward-compatible versions
of the DS2153 and DS2154 SCTs. The on-board
clock/data recovery circuitry coverts the AMI/HDB3 E1
waveforms to an NRZ serial stream. Both devices
automatically adjust to E1 22AWG (0.6mm) twisted-
pair cables from 0 to over 2km in length. They can
generate the necessary G.703 waveshapes for both 75
W
coax and 120
W twisted cables. The on-board jitter
attenuator (selectable to either 32 bits or 128 bits) can
be placed in either the transmit or receive data paths.
The framer locates the frame and multiframe
boundaries and monitors the data stream for alarms. It is
also used for extracting and inserting signaling data, Si,
and Sa-bit information. The on-board HDLC controller
can be used for Sa-bit links or DS0s. The devices
contain a set of internal registers that the user can
access to control the operation of the units. Quick
access through the parallel control port allows a single
controller to handle many E1 lines. The devices fully
meet all the latest E1 specifications, including ITU-T
G.703, G.704, G.706, G.823, G.732, and I.431, ETS
300 011, 300 233, and 300 166, as well as CTR12 and
CTR4.
PIN CONFIGURATION
FEATURES
§ Complete E1 (CEPT) PCM-30/ISDN-PRI
Transceiver Functionality
§ On-Board Long- and Short-Haul Line Interface
for Clock/Data Recovery and Waveshaping
§ 32-Bit or 128-Bit Crystal-Less Jitter Attenuator
§ Frames to FAS, CAS, CCS, and CRC4 Formats
§ Integral HDLC Controller with 64-Byte Buffers
Configurable for Sa Bits, DS0, or Sub-DS0
Operation
§ Dual Two-Frame Elastic Store Slip Buffers that
can Connect to Asynchronous Backplanes up to
8.192MHz
§ Interleaving PCM Bus Operation
§ 8-Bit Parallel Control Port that can be used
Directly
on
Either
Multiplexed
or
Nonmultiplexed Buses (Intel or Motorola)
§ Extracts and Inserts CAS Signaling
§ Detects and Generates Remote and AIS Alarms
§ Programmable Output Clocks for Fractional E1,
H0, and H12 Applications
§ Fully Independent Transmit and Receive
Functionality
§ Full Access to Si and Sa Bits Aligned with
CRC-4 Multiframe
§ Four Separate Loopback Functions for Testing
Functions
§ Large Counters for Bipolar and Code Violations,
CRC4 Codeword Errors, FAS Word Errors, and
E Bits
§ IEEE 1149.1 JTAG-Boundary Scan Architecture
§ Pin Compatible with DS2154/52/352/552 SCTs
§ 3.3V (DS21354) or 5V (DS21554) Supply; Low-
Power CMOS
§ 100-pin LQFP package (14mm x 14mm)
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS21354L
0°C to +70°C
100 LQFP
DS21354LN
-40°C to +85°C
100 LQFP
DS21554L
0°C to +70°C
100 LQFP
DS21554LN
-40°C to +85°C
100 LQFP
DS21354/DS21554
3.3V/5V E1 Single-Chip Transceivers
www.maxim-ic.com
1
100
Dallas
Semiconductor
DS21354/DS21554
LQFP
TOP VIEW


Similar Part No. - DS21354LN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21354 DALLAS-DS21354 Datasheet
17Kb / 4P
   MTTF is frequently used interchangeably with MTBF
logo
Maxim Integrated Produc...
DS21354 MAXIM-DS21354 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
DS21354DK MAXIM-DS21354DK Datasheet
945Kb / 21P
   E1 Single-Chip Transceiver Design Kit Daughter Card
REV: 110106
More results

Similar Description - DS21354LN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21352 DALLAS-DS21352 Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Maxim Integrated Produc...
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
   Single 3.3V/5V Operation
Rev 1; 6/98
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
logo
Mitel Networks Corporat...
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
   E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
   E1 Single-Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
   E1 Single Chip Transceiver
logo
OPLINK Communications I...
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com