Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28347ZCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28347ZCT
Description  Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28347ZCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28347ZCT Datasheet HTML 3Page - Cypress Semiconductor CY28347ZCT Datasheet HTML 4Page - Cypress Semiconductor CY28347ZCT Datasheet HTML 5Page - Cypress Semiconductor CY28347ZCT Datasheet HTML 6Page - Cypress Semiconductor CY28347ZCT Datasheet HTML 7Page - Cypress Semiconductor CY28347ZCT Datasheet HTML 8Page - Cypress Semiconductor CY28347ZCT Datasheet HTML 9Page - Cypress Semiconductor CY28347ZCT Datasheet HTML 10Page - Cypress Semiconductor CY28347ZCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CY28347
Document #: 38-07352 Rev. *C
Page 7 of 22
Table 8. Dial-A-Ratio™ AGP(0:2)
DARAG (1:0)
CU/AGP Ratio
00
Frequency Selection Default
01
2/1
10
2.5/1
11
3/1
Byte 5: DDR Clock Register
Bit
@Pup
Pin#
Name
Description
7
0
45
BUF_IN threshold voltage DDR Mode, BUF_IN threshold setting. 0 = 1.15V, 1 = 1.05V.
6
1
46
FBOUT
1 = output enabled (running). 0 = output disabled asynchronously in
a LOW state.
5
1
29,30
DDRT/C5
1 = output enabled (running). 0 = output disabled asynchronously in
a LOW state.
4
1
31,32
DDRT/C4
1 = output enabled (running). 0 = output disabled asynchronously in
a LOW state.
3
1
35,36
DDRT/C3
1 = output enabled (running). 0 = output disabled asynchronously in
a LOW state.
2
1
37,38
DDRT/C2
1 = output enabled (running). 0 = output disabled asynchronously in
a LOW state.
1
1
41,42
DDRT/C1
1 = output enabled (running). 0 = output disabled asynchronously in
a LOW state.
0
1
43,44
DDRT/C0
1 = output enabled (running). 0 = output disabled asynchronously in
a LOW state.
Byte 6: Reserve Register
Bit
@Pup
Description
71
Reserved.
60
Reserved.
50
Reserved.
40
Reserved.
30
Reserved.
20
Reserved.
10
Reserved.
00
Reserved.
Byte 7: Dial-a-Frequency Control Register N
Bit
@Pup
Name
Description
7
0
Reserved
Reserved for device function test.
6
0
N6, MSB
These bits are for programming the PLL’s internal N register. This
access allows the user to modify the CPU frequency at very high
resolution (accuracy). All other synchronous clocks (clocks that
are generated from the same PLL, such as PCI) remain at their
existing ratios relative to the CPU clock.
50
N5
40
N4
30
N3
20
N2
10
N1
00
N0, LSB


Similar Part No. - CY28347ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28347ZCT SPECTRALINEAR-CY28347ZCT Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results

Similar Description - CY28347ZCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Texas Instruments
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com