Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C167A-45PC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C167A-45PC
Description  16K x 1 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C167A-45PC Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY7C167A-45PC Datasheet HTML 1Page - Cypress Semiconductor CY7C167A-45PC Datasheet HTML 2Page - Cypress Semiconductor CY7C167A-45PC Datasheet HTML 3Page - Cypress Semiconductor CY7C167A-45PC Datasheet HTML 4Page - Cypress Semiconductor CY7C167A-45PC Datasheet HTML 5Page - Cypress Semiconductor CY7C167A-45PC Datasheet HTML 6Page - Cypress Semiconductor CY7C167A-45PC Datasheet HTML 7Page - Cypress Semiconductor CY7C167A-45PC Datasheet HTML 8Page - Cypress Semiconductor CY7C167A-45PC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY7C167A
Document #: 38-05027 Rev. **
Page 7 of 9
Ordering Information
Speed (ns)
ICC (mA)
Ordering Code
Package Name
Package Type
Operating Range
15
80
CY7C167A-15PC
P5
20-Lead (300-Mil) Molded DIP
Commercial
CY7C167A-15VC
V5
20-Lead Molded SOJ
20
80
CY7C167A-20PC
P5
20-Lead (300-Mil) Molded DIP
Commercial
CY7C167A-20VC
V5
20-Lead Molded SOJ
25
60
CY7C167A-25PC
P5
20-Lead (300-Mil) Molded DIP
Commercial
CY7C167A-25VC
V5
20-Lead Molded SOJ
35
60
CY7C167A-35PC
P5
20-Lead (300-Mil) Molded DIP
Commercial
CY7C167A-35VC
V5
20-Lead Molded SOJ
45
50
CY7C167A-45PC
P5
20-Lead (300-Mil) Molded DIP
Commercial
CY7C167A-45VC
V5
20-Lead Molded SOJ


Similar Part No. - CY7C167A-45PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1670KV18 CYPRESS-CY7C1670KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1670KV18-450BZXC CYPRESS-CY7C1670KV18-450BZXC Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1670KV18-550BZXC CYPRESS-CY7C1670KV18-550BZXC Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C167A-45PC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
   16K x 1 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
   16K X 1 HIGH SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com