Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28347OC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY28347OC
Description  Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28347OC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY28347OC Datasheet HTML 1Page - Cypress Semiconductor CY28347OC Datasheet HTML 2Page - Cypress Semiconductor CY28347OC Datasheet HTML 3Page - Cypress Semiconductor CY28347OC Datasheet HTML 4Page - Cypress Semiconductor CY28347OC Datasheet HTML 5Page - Cypress Semiconductor CY28347OC Datasheet HTML 6Page - Cypress Semiconductor CY28347OC Datasheet HTML 7Page - Cypress Semiconductor CY28347OC Datasheet HTML 8Page - Cypress Semiconductor CY28347OC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CY28347
Document #: 38-07352 Rev. *C
Page 2 of 22
Pin Description [2]
Pin
Name
PWR
I/O
Description
3XIN
I
Oscillator Buffer Input. Connect to a crystal or to an external clock.
4XOUT
VDD
O
Oscillator Buffer Output. Connect to a crystal. Do not connect when an external
clock is applied at XIN.
1
FS0/REF0
VDD
I/O
PU
Power-on Bidirectional Input/Output. At power-up, FS0 is the input. When the
power supply voltage crosses the input threshold voltage, FS0 state is latched and
this pin becomes REF0, buffered copy of signal applied at XIN. (1–2 x strength,
selectable by SMBus. Default value is 1 x strength.)
56
VTTPWRGD#
VDDR
I
If SELP4_K7# = 1, with a P4 processor setup as CPU(T:C). At power-up,
VTT_PWRGD# is an input. When this input is sampled LOW, the FS (3:0) and
MULTSEL are latched and all output clocks are enabled. After the first transition to
a LOW on VTT_PWRGD#, this pin is ignored and will not effect the behavior of the
device thereafter. When the VTT_PWRGD# feature is not used, please connect this
signal to ground through a 10K
Ω resistor.
REF1
VDDR
O
If SELP4_K7# = 0, with an Athlon (K7) processor as CPUOD_(T:C).
VTT_PWRGD# function is disabled, and the feature is ignored. This pin becomes
REF1 and is a buffered copy of the signal applied at XIN.
44,42,38,
36,32,30
DDRT(0:5)
VDDD
O
These pins are configured for DDR clock outputs. They are “True” copies of
signal applied at Pin45, BUF_IN.
43,41,37
35,31,29
DDRC(0:5)
VDDD
O
These pins are configured for DDR clock outputs. They are “Complementary”
copies of signal applied at Pin45, BUF_IN.
7
SELP4_K7#/
AGP1
VDDAGP I/O
PU
Power-on Bidirectional Input/Output. At power-up, SELP4_K7# is the input.
When the power supply voltage crosses the input threshold voltage, SELP4_K7#
state is latched and this pin becomes AGP1 clock output. SELP4_K7# = 1 selects
P4 mode. SELP4_K7# = 0 selects K7 mode.
12
MULTSEL/PCI2 VDDPCI
I/O
PU
Power-on Bidirectional Input/Output. At power-up, MULTSEL is the input. When
the power supply voltage crosses the input threshold voltage, MULTSEL state is
latched and this pin becomes PCI2 clock output. MULTSEL = 0, Ioh is 4 x
IREFMULTSEL = 1, Ioh is 6 x IREF
53
CPUT/CPUOD_T
VDDC
O
3.3V True CPU Clock Outputs. This pin is programmable through strapping pin7,
SELP4_K7#. If SELP4_K7# = 1, this pin is configured as the CPUT Clock Output.
If SELP4_K7# = 0, this pin is configured as the CPUOD_T Open Drain Clock Output.
See Table 1.
52
CPUC/CPUOD_C
VDDC
O
3.3V Complementary CPU Clock Outputs. This pin is programmable through
strapping pin7, SELP4_K7#. If SELP4_K7# = 1, this pin is configured as the CPUC
Clock Output. If SELP4_K7# = 0, this pin is configured as the CPUOD_C Open
Drain Clock Output. See Table 1.
14,15,17
PCI (3:5)
VDDPCI
O
PCI Clock Outputs. Are synchronous to CPU clocks. See Table 1.
48,49
CPUCS_T/C
VDDI
O
2.5V CPU Clock Outputs for Chipset. See Table 1.
18
CPU_STP#
VDDPCI
I
PU
If pin 6 is pulled down at power on reset, then this pin becomes CPU_STP#. When
CPU_STP# is asserted LOW, then both of the CPU signals stop at the next HIGH
to LOW transition or stays LOW if it already is LOW. This does not stop the CPUCS
signals.
10
FS1/PCI_F
VDDPCI
I/O
PD
Power-on Bidirectional Input/Output. At power-up, FS1 is the input. When the
power supply voltage crosses the input threshold voltage, FS1 state is latched and
this pin becomes PCI_F clock output.
20
FS3/48M
VDD48M
I/O
PD
Power-on Bidirectional Input/Output. At power-up, FS3 is the input. When the
power supply voltage crosses the input threshold voltage, FS3 state is latched and
this pin becomes 48M, a USB clock output.
11
PCI1
VDDPCI
O
PCI Clock Output.
21
FS2/24_48M
VDD48M
I/O
PD
Power-on Bidirectional Input/Output. At power-up, FS2 is the input. When the
power supply voltage crosses the input threshold voltage, FS2 state is latched and
this pin becomes 24_48M, a SIO programmable clock output.
Note:
2.
PU = internal pull-up. PD = internal pull-down. Typically = 250 k
Ω (range 200 kΩ to 500 kΩ).


Similar Part No. - CY28347OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28347OC SPECTRALINEAR-CY28347OC Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347OCT SPECTRALINEAR-CY28347OCT Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results

Similar Description - CY28347OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Texas Instruments
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com