Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3121-02SH Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM3121-02SH
Description  Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3121-02SH Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM3121-02SH Datasheet HTML 1Page - California Micro Devices Corp CM3121-02SH Datasheet HTML 2Page - California Micro Devices Corp CM3121-02SH Datasheet HTML 3Page - California Micro Devices Corp CM3121-02SH Datasheet HTML 4Page - California Micro Devices Corp CM3121-02SH Datasheet HTML 5Page - California Micro Devices Corp CM3121-02SH Datasheet HTML 6Page - California Micro Devices Corp CM3121-02SH Datasheet HTML 7Page - California Micro Devices Corp CM3121-02SH Datasheet HTML 8Page - California Micro Devices Corp CM3121-02SH Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
11/12/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
5
CM3121
PRELIMINARY
Note 1: All parameters specified at TA = -40°C to +85°C unless otherwise noted.
Note 2: Note that the IDDQ current specified is the load current output from the VDDQ pin. VDDQ also supplies current internally to the
VTT regulator when it is sourcing current. The maximum source current can be up to 0.5A. So the maximum total current
from the VDDQ regulator is the external VDDQ current IDDQ added to the maximum VTT sourcing current ITT. All load currents
are specified as such, but the VDDQ current limit is specified at a current just above the total maximum current.
DDR-II Specifications
VTT Regulator Parameters
VTT
Output Voltage Range
VDDQ = 2.5V, ITT = 0.01A,
1.20
1.25
1.30
V
VTT REF
Output Voltage Range
VDDQ = 2.500V, ITT = 0.01A
1.225
1.250
1.275
V
VTT LD
Load Regulation
TA = 25°C, VDDQ = 2.5V,
0.01A
ITT ±0.5A
-1.0
-
1.0
%
VTT LINE
Line Regulation
TA = 25°C, ITT = 0.01A,
2.8V
VCC 3.6V, Note 2
-1.0
-
1.0
%
eN TT
Output Noise Voltage
BW = 10Hz - 100kHz, CTT = 10µF51
µ
Vrms
ITT LIM
Current Limit
0.6
0.8
A
ITT SC
Short Circuit Current
VTT < 0.3V
0.3
A
ELECTRICAL OPERATING CHARACTERISTICS (CONT’D) (SEE NOTE1)
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General Parameters
TOVER
Shutdown Junction Temperature
-
150
-
°C
THYST
Junction Temp Hysterisis
IC in shutdown
-
25
-
°C
ICCN
Normal Mode VCC Supply
Current
EN_DDR = logic "0",
700
1100
µA
ICCQ
Shutdown Mode VCC Supply
Current
EN_DDR = logic "1",
VDDQ = 0V, VTT = 0V
210
µA
VIH
EN_DDR Input High Threshold
VCC =3.3V
2.0
V
VIL
EN_DDR Input Low Threshold
VCC =3.3V
0.4
V
UVLO
Under Voltage Lock-Out
IDDQ = 10mA
1.8
V
tRISE
VDDQ Rise TIme
VCC = 3.3V, CDDQ = 10µF0.5
ms


Similar Part No. - CM3121-02SH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM312 ETC-CM312 Datasheet
175Kb / 56P
   Communications utilityModule
logo
Chicago Miniature Lamp,...
CM312 CML-CM312 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM312 VCC-CM312 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
   IO-link master transceiver
Rev. 1.0, 7/2016
More results

Similar Description - CM3121-02SH

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3131 CALMIRCO-CM3131 Datasheet
367Kb / 10P
   Triple Linear Voltage Regulator for DDR-I/-II Memory
CM3132 CALMIRCO-CM3132 Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
   DDR I/II Termination Regulator
logo
Maxim Integrated Produc...
MAX8794 MAXIM-MAX8794_10 Datasheet
258Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 2; 3/10
MAX8794 MAXIM-MAX8794_07 Datasheet
276Kb / 14P
   Low-Voltage DDR Linear Regulator
Rev 1; 10/07
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 5/04
MAX8794 MAXIM-MAX8794 Datasheet
386Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 8/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com