Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYVB32 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYVB32
Description  Dual Ultrafast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYVB32 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYVB32 Datasheet HTML 1Page - Vishay Siliconix BYVB32 Datasheet HTML 2Page - Vishay Siliconix BYVB32 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BYV32, BYVF32 & BYVB32 Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88558
www.vishay.com
26-Mar-03
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
100
10
1
0.1
0.01
Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
0
4.0
16
18
20
0
75
25
50
100
125
150
8.0
0
75
100
125
50
25
150
110
100
0.1
1
10
100
Resistive or Inductive Load
0.1
0.3
1.1
1.3
0.5
0.7
0.9
Pulse Width = 300
µs
1% Duty Cycle
TJ = 150
°C
10ms Single Half Sine-Wave
(JEDEC Method)
20
0
100
40
60
80
Percent of Rated Peak Reverse Voltage (%)
Instantaneous Forward Voltage (V)
12
110
100
10
0
20
30
40
50
60
Reverse Voltage (V)
TJ = 25
°C
f = 1.0 MHZ
Vsig = 5mVp-p
1000
TC = 100
°C
Number of Cycles at 50 HZ
TJ = 125
°C
TJ = 25
°C
Typical Instantaneous
Forward Characteristics Per Leg
Typical Reverse Leakage
Characteristics Per Leg
TC = 25
°C
Forward Current Derating Curve
Case Ambient Temperature (
°C)
Typical Junction Capacitance Per Leg


Similar Part No. - BYVB32

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYVB32-100 GE-BYVB32-100 Datasheet
84Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 05-May-08
logo
General Semiconductor
BYVB32-150 GE-BYVB32-150 Datasheet
84Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
BYVB32-200 GE-BYVB32-200 Datasheet
84Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
BYVB32-200-E3 VISHAY-BYVB32-200-E3 Datasheet
151Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 23-Feb-16
More results

Similar Description - BYVB32

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FEP30AP EIC-FEP30AP Datasheet
123Kb / 2P
   Dual Ultrafast Plastic Rectifiers
BYVF32 EIC-BYVF32 Datasheet
46Kb / 2P
   Dual Ultrafast Plastic Rectifiers
BYV29F EIC-BYV29F Datasheet
44Kb / 2P
   Dual Ultrafast Plastic Rectifiers
MURF1620CT EIC-MURF1620CT Datasheet
44Kb / 2P
   Dual Ultrafast Plastic Rectifiers
MURF1005CT EIC-MURF1005CT Datasheet
38Kb / 2P
   Dual Ultrafast Plastic Rectifiers
logo
Mospec Semiconductor
U10C05 MOSPEC-U10C05 Datasheet
167Kb / 2P
   Switchmode Dual Ultrafast Power Rectifiers
logo
KODENSHI_AUK CORP.
SF20A400HPR KODENSHI-SF20A400HPR Datasheet
313Kb / 5P
   400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A600HPI KODENSHI-SF20A600HPI Datasheet
297Kb / 5P
   600V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D600D2 KODENSHI-SF20D600D2 Datasheet
255Kb / 5P
   600V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O034-001 KODENSHI-KSD-D0O034-001 Datasheet
289Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com