Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7511-55A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK7511-55A
Description  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7511-55A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK7511-55A Datasheet HTML 3Page - NXP Semiconductors BUK7511-55A Datasheet HTML 4Page - NXP Semiconductors BUK7511-55A Datasheet HTML 5Page - NXP Semiconductors BUK7511-55A Datasheet HTML 6Page - NXP Semiconductors BUK7511-55A Datasheet HTML 7Page - NXP Semiconductors BUK7511-55A Datasheet HTML 8Page - NXP Semiconductors BUK7511-55A Datasheet HTML 9Page - NXP Semiconductors BUK7511-55A Datasheet HTML 10Page - NXP Semiconductors BUK7511-55A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors
BUK7511-55A; BUK7611-55A
TrenchMOS™ standard level FET
Product specification
Rev. 01 — 1 February 2001
7 of 15
9397 750 07817
© Philips Electronics N.V. 2001. All rights reserved.
ID = 1 mA; VDS =VGS
Tj =25 °C; VDS =VGS
Fig 9.
Gate-source threshold voltage as a function of
junction temperature.
Fig 10. Sub-threshold drain current as a function of
gate-source voltage.
Tj =25 °C; VDS =25V
VGS = 0 V; f = 1 MHz
Fig 11. Forward transconductance as a function of
drain current; typical values.
Fig 12. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values.
03aa32
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-60
-20
20
60
100
140
180
V
GS(th)
T
j
(
o
C)
(V)
max.
typ.
min
03aa35
10-6
10-5
10-4
10-3
10-2
10-1
01
23
45
max
typ
min
V
GS
(V)
ID
(A)
03nd20
0
10
20
30
40
50
0
2040
6080
100
ID (A)
gfs
(S)
03nd25
0
500
1000
1500
2000
2500
3000
3500
4000
4500
10-2
10-1
1
10
102
VDS (V)
C (pF)
Ciss
Coss
Crss


Similar Part No. - BUK7511-55A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK7511-55A ISC-BUK7511-55A Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7511-55A NEXPERIA-BUK7511-55A Datasheet
456Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 02 - 17 June 2010
More results

Similar Description - BUK7511-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com