Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7509-55A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK7509-55A
Description  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7509-55A Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK7509-55A Datasheet HTML 1Page - NXP Semiconductors BUK7509-55A Datasheet HTML 2Page - NXP Semiconductors BUK7509-55A Datasheet HTML 3Page - NXP Semiconductors BUK7509-55A Datasheet HTML 4Page - NXP Semiconductors BUK7509-55A Datasheet HTML 5Page - NXP Semiconductors BUK7509-55A Datasheet HTML 6Page - NXP Semiconductors BUK7509-55A Datasheet HTML 7Page - NXP Semiconductors BUK7509-55A Datasheet HTML 8Page - NXP Semiconductors BUK7509-55A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
BUK75/7609-55A
TrenchMOS™ standard level FET
Product data
Rev. 01 — 6 August 2002
2 of 15
9397 750 09882
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
5.
Quick reference data
6.
Limiting values
[1]
Current is limited by power dissipation chip rating
[2]
Continuous current is limited by package
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDS
drain-source voltage (DC)
-
55
V
ID
drain current (DC)
Tmb =25 °C; VGS =10V
[1]
-
108
A
Ptot
total power dissipation
Tmb =25 °C
-
211
W
Tj
junction temperature
-
175
°C
RDSon
drain-source on-state resistance
VGS = 10 V; ID =25A
Tj =25 °C
7.7
9
m
Tj = 175 °C
-
18
m
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
-
55
V
VDGR
drain-gate voltage (DC)
RGS =20kΩ
-55
V
VGS
gate-source voltage (DC)
-
±20
V
ID
drain current (DC)
Tmb =25 °C; VGS =10V;
Figure 2 and 3
[1]
-
108
A
[2]
-75
A
Tmb = 100 °C; VGS =10V; Figure 2
[2]
-75
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs;
Figure 3
-
433
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
-
211
W
Tstg
storage temperature
−55
+175
°C
Tj
operating junction temperature
−55
+175
°C
Source-drain diode
IDR
reverse drain current (DC)
Tmb =25 °C
[1]
-
108
A
[2]
-75
A
IDRM
peak reverse drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs
-
433
A
Avalanche ruggedness
EDS(AL)S non-repetitive drain-source avalanche
energy
unclamped inductive load; ID =75A;
VDS ≤ 55 V; VGS = 10 V; RGS =50 Ω;
starting Tmb =25 °C
-
400
mJ


Similar Part No. - BUK7509-55A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
BUK7509-55A VBSEMI-BUK7509-55A Datasheet
998Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
BUK7509-55A ISC-BUK7509-55A Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7509-55A NEXPERIA-BUK7509-55A Datasheet
974Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 2 February 2011
logo
NXP Semiconductors
BUK7509-55A PHILIPS-BUK7509-55A_15 Datasheet
378Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-2 February 2011
More results

Similar Description - BUK7509-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com