Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK764R0-55B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK764R0-55B
Description  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK764R0-55B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK764R0-55B Datasheet HTML 5Page - NXP Semiconductors BUK764R0-55B Datasheet HTML 6Page - NXP Semiconductors BUK764R0-55B Datasheet HTML 7Page - NXP Semiconductors BUK764R0-55B Datasheet HTML 8Page - NXP Semiconductors BUK764R0-55B Datasheet HTML 9Page - NXP Semiconductors BUK764R0-55B Datasheet HTML 10Page - NXP Semiconductors BUK764R0-55B Datasheet HTML 11Page - NXP Semiconductors BUK764R0-55B Datasheet HTML 12Page - NXP Semiconductors BUK764R0-55B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Philips Semiconductors
BUK75/764R0-55B
TrenchMOS™ standard level FET
Product data
Rev. 02 — 30 September 2002
9 of 15
9397 750 10276
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
VDS =25V
Tj =25 °C; ID =25A
Fig 13. Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Fig 14. Gate-source voltage as a function of turn-on
gate charge; typical values.
VGS =0V
Fig 15. Reverse diode current as a function of reverse diode voltage; typical values.
03nh20
0
20
40
60
80
100
02
46
VGS (V)
ID
(A)
Tj = 175 ºC
Tj = 25 ºC
03nh18
0
2
4
6
8
10
0
2040
6080
100
QG (nC)
VGS
(V)
VDD = 14 (V)
VDD = 44 (V)
03nh17
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
VSD (V)
ID
(A)
Tj = 175 ºC
Tj = 25 ºC


Similar Part No. - BUK764R0-55B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK764R0-55B NXP-BUK764R0-55B Datasheet
101Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-4 October 2007
logo
Inchange Semiconductor ...
BUK764R0-55B ISC-BUK764R0-55B Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK764R0-55B NEXPERIA-BUK764R0-55B Datasheet
851Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 5 - 22 April 2011
logo
NXP Semiconductors
BUK764R0-55B PHILIPS-BUK764R0-55B_15 Datasheet
207Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 5-22 April 2011
More results

Similar Description - BUK764R0-55B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com