Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24700PW Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ24700PW
Description  NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24700PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24700PW Datasheet HTML 4Page - Texas Instruments BQ24700PW Datasheet HTML 5Page - Texas Instruments BQ24700PW Datasheet HTML 6Page - Texas Instruments BQ24700PW Datasheet HTML 7Page - Texas Instruments BQ24700PW Datasheet HTML 8Page - Texas Instruments BQ24700PW Datasheet HTML 9Page - Texas Instruments BQ24700PW Datasheet HTML 10Page - Texas Instruments BQ24700PW Datasheet HTML 11Page - Texas Instruments BQ24700PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
bq24700, bq24701
NOTEBOOK PC BATTERY CHARGE CONTROLLER
AND SELECTOR WITH DPM
SLUS452B – APRIL 2001 – REVISED NOVEMBER 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics (TA = TOPR, 7.0 Vdc VCC 20.0 Vdc, all voltages relative to Vss) (unless
otherwise specified) (continued)
battery current output amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GTR
Transfer gain
(SRP – SRN) = 50 mV, See Note 6
5
18.2
V
VIBAT
Battery current readback output voltage
(IBAT)
(SRP – SRN) = 50 mV, SRP = 12 V,
VCC = 18 V,
TA = 25°C
0.97
1.00
1.03
V
Line rejection voltage
TA = 25°C
10
mV/V
CM
Common-mode input range (SRP)
5
18.2
V
VO(IBAT)
Battery current output voltage range
(IBAT)
0
2.5
V
IS(O)
Output source current (IBAT)
(SRP – SRN) = 100 mV
150
600
1200
µA
Total batter c rrent readback mid scale
(SRP – SRN) = 50 mV, TA = 25°C, See Note 7
–4%
4%
Total battery current readback mid-scale
accuracy
(SRP – SRN) = 50 mV, –40
°C ≤ TA ≤ 85°C,
See Note 7
–6%
6%
Total batter c rrent readback f ll scale
(SRP – SRN) = 100 mV, TA = 25°C, See Note 7
–6%
6%
Total battery current readback full-scale
accuracy
(SRP – SRN) = 100 mV, –40
°C ≤ TA ≤ 85°C,
See Note 7
–8%
8%
5-V voltage reference
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
O tp t oltage (VREF)
0
°C ≤ TA ≤ 70°C
5.000
5.030
5.060
V
VREF Output voltage (VREF)
–40
°C ≤ TA ≤ 85°C
4.960
5.030
5.070
V
Line regulation
0.15
0.37
mV/V
Load regulation
1 mA
≤ ILOAD ≤ 5 mA
1.0
2.5
mV/mA
Short circuit current
8
18
30
mA
half supply regulator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VHSP(on)
VCC up-threshold for half supply
regulation
14.5
15.5
16.5
V
VCC hysteresis for half supply regulation
–7.2%
–6.5%
–6%
VHSP/VCC Voltage regulation
VCC
≥ VHSP(on), 16.5 V ≤ VCC ≤ 20 V
0.45
0.50
0.55
VHSP
VCC < VHSP(on), 7 V ≤ VCC ≤ 14.5 V
2.0
V
NOTES: 6. Battery readback transfer gain G
TR +
V
IBAT
(SRP
* SRN)
7. Total battery current readback accuracy is based on the measured value of VIBAT, VIBATm, and the calculated value of VIBAT,
VIBATc, using the measured value of the transfer gain, GTR.
V
IBATc +
(SRP
* SRN)
GTR
Total Accuracy in %
+
V
IBATm *
V
IBATc
V
IBATm
100


Similar Part No. - BQ24700PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24700PW TI1-BQ24700PW Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24700PWR TI1-BQ24700PWR Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24700PWRG4 TI1-BQ24700PWRG4 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
More results

Similar Description - BQ24700PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24700 TI1-BQ24700_14 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
logo
International Rectifier
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
IRFHM8329PBF INFINEON-IRFHM8329PBF Datasheet
598Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com