Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24701 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24701
Description  NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24701 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24701 Datasheet HTML 1Page - Texas Instruments BQ24701 Datasheet HTML 2Page - Texas Instruments BQ24701 Datasheet HTML 3Page - Texas Instruments BQ24701 Datasheet HTML 4Page - Texas Instruments BQ24701 Datasheet HTML 5Page - Texas Instruments BQ24701 Datasheet HTML 6Page - Texas Instruments BQ24701 Datasheet HTML 7Page - Texas Instruments BQ24701 Datasheet HTML 8Page - Texas Instruments BQ24701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
bq24700, bq24701
NOTEBOOK PC BATTERY CHARGE CONTROLLER
AND SELECTOR WITH DPM
SLUS452B – APRIL 2001 – REVISED NOVEMBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted) }
Supply voltage range: VCC
–0.3 V to 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Battery voltage range: SRP, SRN
–0.3 V to 19 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage: ACN, ACP
–0.3 V to 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Virtual junction temperature range, TJ
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (Soldering, 10 seconds)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltages are with respect to ground. Currents are positive into and negative out of the specified terminals. Consult the Packaging section of
the databook for thermal limitations and considerations of the package.
recommended operating conditions (TA = TOPR) all voltages relative to Vss
MIN
MAX
UNIT
S ppl
oltage (VCC)
Analog and PWM operation
7.0
20
V
Supply voltage, (VCC)
Selector operation
4.5
20
V
Negative ac current sense, (ACN)
7.0
20
V
Positive ac current sense, (ACP)
7.0
20
V
Negative battery current sense, (SRN)
5.0
18
V
Positive battery current sense, (SRP)
5.0
18
V
AC or adapter power detection (ACDET)
–0.3
8
V
AC power indicator (ACPRES)
–0.3
8
V
AC adapter power select (ACSEL)
–0.3
8
V
Depleted battery level (BATDEP)
–0.3
8
V
Battery charge current programming voltage (SRSET)
–0.3
8
V
Charge enable (ENABLE)
–0.3
8
V
External override to an internal 0.5% precision reference (BATSET)
–0.3
8
V
Inverting input to the PWM comparator (COMP)
–0.3
8
V
Battery charge regulation voltage measurement input to the battery—voltage gm amplifier (BATP)
–0.3
8
V
Battery current differential amplifier output (IBAT)
–0.3
8
V
System load voltage input pin (VS)
–0.3
8
V
Depleted battery alarm output (ALARM)
–0.3
8
V
Gate drive output (PWM)
–0.3
20
V
Battery power source select output (BATDRV)
–0.3
20
V
AC or adapter power source selection output (ACDRV)
–0.3
20
V
Operating free–air temperature, TA
–40
85
°C


Similar Part No. - BQ24701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24701 TI1-BQ24701 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24701PW TI1-BQ24701PW Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24701PWG4 TI1-BQ24701PWG4 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24701PWR TI1-BQ24701PWR Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24701PWRG4 TI1-BQ24701PWRG4 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
More results

Similar Description - BQ24701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24700 TI1-BQ24700_14 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
logo
International Rectifier
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
IRFHM8329PBF INFINEON-IRFHM8329PBF Datasheet
598Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com