Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24701 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ24701
Description  NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24701 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24701 Datasheet HTML 5Page - Texas Instruments BQ24701 Datasheet HTML 6Page - Texas Instruments BQ24701 Datasheet HTML 7Page - Texas Instruments BQ24701 Datasheet HTML 8Page - Texas Instruments BQ24701 Datasheet HTML 9Page - Texas Instruments BQ24701 Datasheet HTML 10Page - Texas Instruments BQ24701 Datasheet HTML 11Page - Texas Instruments BQ24701 Datasheet HTML 12Page - Texas Instruments BQ24701 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
bq24700, bq24701
NOTEBOOK PC BATTERY CHARGE CONTROLLER
AND SELECTOR WITH DPM
SLUS452B – APRIL 2001 – REVISED NOVEMBER 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics (TA = TOPR, 7.0 Vdc VCC 20.0 Vdc, all voltages relative to Vss) (unless
otherwise specified) (continued)
MOSFET gate drive
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC driver RDS(on) high
VCC = 18 V
150
250
AC driver RDS(on) low
VCC = 18 V
60
120
Battery driver RDS(on) high
VCC = 18 V
200
370
Battery driver RDS(on) low
VCC = 18 V
100
170
tDa
Time delay from ac driver off to battery driver on
ACSEL 2.4 V
⇓ 0.2 V
0.5
1.5
µs
tDb
Time delay from battery driver off to ac driver on
ACSEL 0.2 V
⇑ 2.4 V
1.0
2.0
µs
V
PWM driver high level output voltage
IOUT = –10 mA, VCC = 18 V
–0.12
–0.07
V
VOH
PWM driver high-level output voltage
IOUT = –100 mA, VCC = 18 V
–1.2
–0.7
V
PWM driver RDS(on) high
7
14
V
PWM dri er lo
le el o tp t oltage
IOUT = 10 mA,
VCC = 18 V
VHSP+0.04 VHSP+0.1
V
VOL
PWM driver low-level output voltage
IOUT = 100 mA, VCC = 18 V
VHSP+0.5 VHSP+0.9
V
PWM driver RDS(on) low
4
8
selector
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VACPRES
AC presence detect voltage
See Note 9
1.165
1.220
1.275
V
VIT(ACPRES) AC presence hysteresis
40
80
120
mV
td(ALMON)
ACSEL high to alarm set high in ac fault time delay
ACSEL 0.2 V
⇑ 2.4 V
5
10
µs
td(ALMOFF)
ACSEL low to alarm reset low in ac fault time delay
SRN = SRP = 8 V,
ACSEL 2.4 V
⇓ 0.2 V
2
10
µs
VBATDEP
Battery depletion ALARM trip voltage
See Note 8
1.165
1.220
1.275
V
VNOBAT
No battery detect, switch to ACDRV
See Note 8
0.87
0.98
1.07
V
tBATSEL
Battery select time (ACSEL low to BATDRV low)
VS < BATP,
ACSEL 2.4 V
⇓ 0.2 V
0.2
3.0
µs
tACSEL
AC select time (ACSEL high to ACDRV low)
ACSEL 0.2 V
⇑ 2.4 V
0.2
3.0
µs
VVS
VS voltage to enable BATDRV
BATP = 1 V
0.96
1.02
V
VIT(VS)
VS voltage hysteresis
VS > BATP
30
110
mV
NOTES: 8. Refer to Table 1 to determine the logic operation of the bq24700 and the bq24701.
9. Maximum ac adapter voltage (VCC) and AC presence detect voltage are 18 V.


Similar Part No. - BQ24701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24701 TI1-BQ24701 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24701PW TI1-BQ24701PW Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24701PWG4 TI1-BQ24701PWG4 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24701PWR TI1-BQ24701PWR Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24701PWRG4 TI1-BQ24701PWRG4 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
More results

Similar Description - BQ24701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24700 TI1-BQ24700_14 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
logo
International Rectifier
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
IRFHM8329PBF INFINEON-IRFHM8329PBF Datasheet
598Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com