Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24700 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ24700
Description  NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24700 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24700 Datasheet HTML 6Page - Texas Instruments BQ24700 Datasheet HTML 7Page - Texas Instruments BQ24700 Datasheet HTML 8Page - Texas Instruments BQ24700 Datasheet HTML 9Page - Texas Instruments BQ24700 Datasheet HTML 10Page - Texas Instruments BQ24700 Datasheet HTML 11Page - Texas Instruments BQ24700 Datasheet HTML 12Page - Texas Instruments BQ24700 Datasheet HTML 13Page - Texas Instruments BQ24700 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
bq24700, bq24701
NOTEBOOK PC BATTERY CHARGE CONTROLLER
AND SELECTOR WITH DPM
SLUS452B – APRIL 2001 – REVISED NOVEMBER 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ACDET
1
I
AC or adapter power detection
ACDRV
24
O
AC or adapter power source selection output
ACN
11
I
Negative differential input
ACP
12
I
Positive differential input
ACPRES
2
O
AC power indicator
ACSEL
3
I
AC adapter power select
ACSET
6
I
Adapter current programming voltage
ALARM
19
O
Depleted battery alarm output
BATDEP
4
I
Depleted battery level
BATDRV
23
O
Battery power source select output
BATP
13
I
Battery charge regulation voltage measurement input to the battery-voltage gm amplifier
BATSET
9
I
External override to an internal 0.5% precision reference
COMP
10
O
Inverting input to the PWM comparator
ENABLE
8
I
Charge enable
GND
17
O
Supply return and ground reference
IBAT
14
O
Battery current differential amplifier output
PWM
21
O
Gate drive output
SRN
15
I
Negative differential battery current sense amplifier input
SRP
16
I
Positive differential battery current sense amplifier input
SRSET
5
I
Battery charge current programming voltage
VCC
22
I
Operational supply voltage
VHSP
20
O
Voltage source to drive gates of the external MOSFETs
VREF
7
O
Precision voltage 5-V,
±0.6% reference
VS
18
I
System (load) voltage input pin
pin assignments
ACDET: AC or adapter power detection. This input pin is used to determine the presence of the ac adapter.
When the voltage level on the ACDET pin is less than 1.20 V, the bq24700/bq24701 is in sleep mode, the PWM
control is disabled, the BATDRV is driven low and the ACDRV is driven high. This feature can be used to
automatically select battery as the system’s power source.
ACDRV: AC or adapter power source select output. This pin drives an external P-channel MOSFET used to
switch to the ac wall-adapter as the system’s power source. When the ACSEL pin is high while the voltage on
the ACDET pin is greater than 1.20 V, the output ACDRV pin is driven low (VHSP). This pin is driven high (VCC)
when the ACDET is less than 1.20 V.
ACN, ACP: Negative and positive differential inputs, respectively for ac-to-dc adapter current sense resistor.
ACPRES: This open-drain output pin is used to indicate the presence of ac power. A logic high indicates there
is a valid ac input. A low indicates the loss of ac power. ACPRES is high when the voltage level on the ACDET
pin is greater than 1.20 V.
ACSEL: AC adapter power select. This input selects either the ac adapter or the battery as the power source.
A logic high selects ac power, while a logic low selects the battery.


Similar Part No. - BQ24700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24700 TI1-BQ24700 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24700PW TI1-BQ24700PW Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24700PWR TI1-BQ24700PWR Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24700PWRG4 TI1-BQ24700PWRG4 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24700 TI1-BQ24700_14 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
More results

Similar Description - BQ24700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24700 TI1-BQ24700_14 Datasheet
528Kb / 32P
[Old version datasheet]   NOTEBOOK PC BATTERY CHARGE CONTROLLER
logo
International Rectifier
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
IRFHM8329PBF INFINEON-IRFHM8329PBF Datasheet
598Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com