Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM857BS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BCM857BS
Description  PNP matched double transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCM857BS Datasheet(HTML) 4 Page - NXP Semiconductors

  BCM857BS Datasheet HTML 1Page - NXP Semiconductors BCM857BS Datasheet HTML 2Page - NXP Semiconductors BCM857BS Datasheet HTML 3Page - NXP Semiconductors BCM857BS Datasheet HTML 4Page - NXP Semiconductors BCM857BS Datasheet HTML 5Page - NXP Semiconductors BCM857BS Datasheet HTML 6Page - NXP Semiconductors BCM857BS Datasheet HTML 7Page - NXP Semiconductors BCM857BS Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9397 750 14723
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 11 April 2005
4 of 8
Philips Semiconductors
BCM857BS
PNP matched double transistor;
∆h
FE = 10 %
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7:
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current
VCB = −30 V; IE = 0 A
-
-
−15
nA
VCB = −30 V; IE = 0 A;
Tj = 150 °C
--
−5
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC = 0 A
-
-
−100
nA
hFE
DC current gain
VCE = −5 V; IC = −10 µA
-
250
-
VCE = −5 V; IC = −2 mA
200
290
450
VCEsat
collector-emitter
saturation voltage
IC = −10 mA; IB = −0.5 mA
-
−50
−200
mV
IC = −100 mA; IB = −5 mA
-
−200
−400
mV
VBEsat
base-emitter
saturation voltage
IC = −10 mA; IB = −0.5 mA
-
−760
-
mV
IC = −100 mA; IB = −5 mA
[1] -
−920
-
mV
VBE
base-emitter voltage
VCE = −5 V; IC = −2 mA
-600
−650
−700
mV
VCE = −5 V; IC = −10 mA
-
-
−760
mV
Cc
collector capacitance VCB = −10 V; IE =ie =0A;
f = 1 MHz
-
-
2.2
pF
Ce
emitter capacitance
VEB = −0.5 V; IC =ic =0A;
f = 1 MHz
-10
-
pF
fT
transition frequency
VCE = −5 V; IC = −10 mA;
f = 100 MHz
100
250
-
MHz
Per device
∆hFE
DC current gain
matching
VCE = −5 V; IC = −2 mA
-
-
10
%
∆VBE
base-emitter voltage
matching
VCE = −5 V; IC = −2 mA
-
-
2
mV


Similar Part No. - BCM857BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCM857BS PHILIPS-BCM857BS Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
BCM857BS PHILIPS-BCM857BS Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
BCM857BS NXP-BCM857BS Datasheet
123Kb / 15P
   PNP/PNP matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM857BS NEXPERIA-BCM857BS Datasheet
2Mb / 15P
   PNP/PNP matched double transistors
Rev. 06 - 28 August 2009
logo
Diodes Incorporated
BCM857BS DIODES-BCM857BS Datasheet
194Kb / 5P
   45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
June 2014 Rev. 1 - 2
More results

Similar Description - BCM857BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCM62B NEXPERIA-BCM62B Datasheet
2Mb / 13P
   PNP/PNP matched double transistor
Rev. 02 - 28 August 2009
logo
NXP Semiconductors
BCM62B PHILIPS-BCM62B_15 Datasheet
131Kb / 13P
   PNP/PNP matched double transistor
Rev. 02-28 August 2009
PHPT610035PK NXP-PHPT610035PK Datasheet
247Kb / 16P
   PNP/PNP matched high power double bipolar transistor
24 October 2014
logo
Nexperia B.V. All right...
PHPT610035PK NEXPERIA-PHPT610035PK Datasheet
728Kb / 16P
   PNP/PNP matched high power double bipolar transistor
24 October 2014
logo
NXP Semiconductors
BCM857BV PHILIPS-BCM857BV_15 Datasheet
135Kb / 15P
   PNP/PNP matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM856BS NEXPERIA-BCM856BS Datasheet
647Kb / 14P
   PNP/PNP matched double transistors
Rev. 01 - 7 August 2008
logo
NXP Semiconductors
BCM857BV NXP-BCM857BV Datasheet
123Kb / 15P
   PNP/PNP matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM857BV NEXPERIA-BCM857BV Datasheet
2Mb / 15P
   PNP/PNP matched double transistors
Rev. 06 - 28 August 2009
PMP5501G NEXPERIA-PMP5501G Datasheet
118Kb / 14P
   PNP/PNP matched double transistors
Rev. 03 - 28 August 2009
logo
NXP Semiconductors
PMP5501V NXP-PMP5501V Datasheet
119Kb / 14P
   PNP/PNP matched double transistors
Rev. 03-28 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com