Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB321C-CNU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT45DB321C-CNU
Description  32 MEGABIT 2.7 VOLT DATAFLASH
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C-CNU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT45DB321C-CNU Datasheet HTML 7Page - ATMEL Corporation AT45DB321C-CNU Datasheet HTML 8Page - ATMEL Corporation AT45DB321C-CNU Datasheet HTML 9Page - ATMEL Corporation AT45DB321C-CNU Datasheet HTML 10Page - ATMEL Corporation AT45DB321C-CNU Datasheet HTML 11Page - ATMEL Corporation AT45DB321C-CNU Datasheet HTML 12Page - ATMEL Corporation AT45DB321C-CNU Datasheet HTML 13Page - ATMEL Corporation AT45DB321C-CNU Datasheet HTML 14Page - ATMEL Corporation AT45DB321C-CNU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
AT45DB321C [Preliminary]
3387B–DFLSH–9/04
Manufacturer and Device ID Read
This instruction conforms to the JEDEC standard and allows the user to read the Manufacturer ID, Device ID, and Extended
Device Information. A 1-byte opcode, 9FH, must be clocked into the device while the CS pin is low. After the opcode is
clocked in, the Manufacturer ID, 2 bytes of Device ID and Extended Device Information will be clocked out on the SO pin.
The fourth byte of the sequence output is the Extended Device Information String Length byte. This byte is used to signify
how many bytes of Extended Device Information will be output.
Manufacturer and Device ID Information
Note:
Based on JEDEC publication 106 (JEP106), Manufacturer ID data can be comprised of any number of bytes. Some manufacturers may have
Manufacturer ID codes that are two, three or even four bytes long with the first byte(s) in the sequence being 7FH. A system should detect code
7FH as a “Continuation Code” and continue to read Manufacturer ID bytes. The first non-7FH byte would signify the last byte of Manufacturer ID
data. For Atmel (and some other manufacturers), the Manufacturer ID data is comprised of only one byte.
Byte 1 – Manufacturer ID
Hex
Value
JEDEC Assigned Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1FH
0
00
11
11
1
Manufacturer ID
1FH = Atmel
Byte 2 – Device ID (Part 1)
Hex
Value
Family Code
Density Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Family Code
001 = DataFlash
27H
0
0
1
0
0
1
1
1
Density Code
00111 = 32-Mbit
Byte 3 – Device ID (Part 2)
Hex
Value
MLC Code
Product Version Code
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MLC Code
000 = 1-bit/Cell Technology
00H
0
0
0
0
0
0
0
0
Product Version
00000 = Initial Version
Byte 4 – Extended Device Information String Length
Hex
Value
Byte Count
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00H
0
0
0
0
0
0
0
0
Byte Count
00H = 0 Bytes of Information
9FH
Manufacturer ID
Byte n
Device ID
Byte 1
Device ID
Byte 2
This information
would only be output
if the Extended Device
Information String Length
value was something
other than 00H.
Extended
Device
Information
String Length
Extended
Device
Information
Byte x
Extended
Device
Information
Byte x + 1
CS
1FH
27H
00H
00H
Data
Data
SI
SO
Opcode
Each transition represents
8 bits and 8 clock cycles


Similar Part No. - AT45DB321C-CNU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321C-CNU ATMEL-AT45DB321C-CNU Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
More results

Similar Description - AT45DB321C-CNU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
   32-megabit 2.7-volt Only DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com