Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB321C-RI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45DB321C-RI
Description  32 MEGABIT 2.7 VOLT DATAFLASH
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C-RI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45DB321C-RI Datasheet HTML 1Page - ATMEL Corporation AT45DB321C-RI Datasheet HTML 2Page - ATMEL Corporation AT45DB321C-RI Datasheet HTML 3Page - ATMEL Corporation AT45DB321C-RI Datasheet HTML 4Page - ATMEL Corporation AT45DB321C-RI Datasheet HTML 5Page - ATMEL Corporation AT45DB321C-RI Datasheet HTML 6Page - ATMEL Corporation AT45DB321C-RI Datasheet HTML 7Page - ATMEL Corporation AT45DB321C-RI Datasheet HTML 8Page - ATMEL Corporation AT45DB321C-RI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
AT45DB321C [Preliminary]
3387B–DFLSH–9/04
Memory Architecture Diagram
Device Operation
The device operation is controlled by instructions from the host processor. The list of
instructions and their associated opcodes are contained in Tables 1 through 4. A valid
instruction starts with the falling edge of CS followed by the appropriate 8-bit opcode
and the desired buffer or main memory address location. While the CS pin is low, tog-
gling the SCK pin controls the loading of the opcode and the desired buffer or main
memory address location through the SI (serial input) pin. All instructions, addresses,
and data are transferred with the most significant bit (MSB) first.
Buffer addressing is referenced in the datasheet using the terminology BFA9-BFA0 to
denote the 10 address bits required to designate a byte address within a buffer. Main
memory addressing is referenced using the terminology PA12-PA0 and BA9-BA0,
where PA12-PA0 denotes the 13 address bits required to designate a page address and
BA9-BA0 denotes the 10 address bits required to designate a byte address within the
page.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from
either one of the two SRAM data buffers. The DataFlash supports RapidS protocol for
Mode 0 and Mode 3. Please refer to the “Detailed Bit-level Read Timing” diagrams in
this datasheet for details on the clock cycle sequences for each mode.
CONTINUOUS ARRAY READ: By supplying an initial starting address for the main
memory array, the Continuous Array Read command can be utilized to sequentially
read a continuous stream of data from the device by simply providing a clock signal; no
additional addressing information or control signals need to be provided. The DataFlash
incorporates an internal address counter that will automatically increment on every clock
cycle, allowing one continuous read operation without the need of additional address
sequences. To perform a continuous read, an opcode of E8H must be clocked into the
device. The opcode is followed by three address bytes (which comprises 24-bit page
and byte address sequence) and 32 don’t care clock cycles. The first bit of the 24-bit
address sequence is reserved for upward and downward compatibility to larger and
SECTOR 0a = 8 Pages
4224 bytes (4K + 128)
SECTOR 0b = 504 Pages
266,112 bytes (252K + 8064)
Block = 4224 bytes
(4K + 128)
8 Pages
SECTOR 0a
Page = 528 bytes
(512 + 16)
PAGE 0
PAGE 1
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 8190
PAGE 8191
PAGE 14
PAGE 15
PAGE 16
PAGE 17
PAGE 18
PAGE 8189
SECTOR ARCHITECTURE
BLOCK ARCHITECTURE
PAGE ARCHITECTURE
BLOCK 0
BLOCK 1
BLOCK 62
BLOCK 63
BLOCK 64
BLOCK 65
BLOCK 1022
BLOCK 1023
BLOCK 126
BLOCK 127
BLOCK 128
BLOCK 129
SECTOR 15 = 512 Pages
270,336 bytes (256K + 8K)
BLOCK 2
SECTOR 1 = 512 Pages
270,336 bytes (256K + 8K)
SECTOR 14 = 512 Pages
270,336 bytes (256K + 8K)
SECTOR 2 = 512 Pages
270,336 bytes (256K + 8K)


Similar Part No. - AT45DB321C-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321C-RC ATMEL-AT45DB321C-RC Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB321C-RU ATMEL-AT45DB321C-RU Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
More results

Similar Description - AT45DB321C-RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321D ATMEL-AT45DB321D_09 Datasheet
1Mb / 57P
   32-megabit 2.7-volt DataFlash
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
   32-megabit 2.7-volt Only DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT26DF321 ATMEL-AT26DF321_07 Datasheet
590Kb / 35P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com