Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C04A-10PE-2.7 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C04A-10PE-2.7
Description  Two-wire Serial EEPROM Extended Temperature
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C04A-10PE-2.7 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C04A-10PE-2.7 Datasheet HTML 1Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C04A-10PE-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
AT24C02A/04A/08A/16A
5083A–SEEPR–9/04
The AT24C08A only uses the A2 input for hardwire addressing, and a total of two 8K
devices may be addressed on a single bus system. The A0 and A1 pins are no-
connects.
The AT24C16A does not use the device address pins, which limits the number of
devices on a single bus to one. The A0, A1, and A2 pins are no-connects.
WRITE PROTECT (WP): The AT24C02A/04A/08A/16A have a WP pin that provides
hardware data protection. The WP pin allows normal read/write operations when con-
nected to ground (GND). When the WP pin is connected to VCC, the write protection
feature is enabled and operates as shown. (See Table 1.
)
Table 1. Write Protect
Memory Organization AT24C02A, 2K SERIAL EEPROM: The 2K is internally organized with 32 pages of 8
bytes each. Random word addressing requires an 8-bit data word address.
AT24C04A, 4K SERIAL EEPROM: The 4K is internally organized with 32 pages of 16
bytes each. Random word addressing requires a 9-bit data word address.
AT24C08A, 8K SERIAL EEPROM: The 8K is internally organized with 64 pages of 16
bytes each. Random word addressing requires a 10-bit data word address.
AT24C16A, 16K SERIAL EEPROM: The 16K is internally organized with 128 pages of
16 bytes each. Random word addressing requires an 11-bit data word address.
Note:
This parameter is characterized and is not 100% tested.
WP Pin Status
Part of the Array Protected
24C02A
24C04A
24C08A
24C16A
At VCC
Upper Half
(1K) Array
Upper Half
(2K) Array
Full (8K)
Array
Full (16K)
Array
At GND
Normal Read/Write Operations
Table 2. Pin Capacitance
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, Vcc= +2.7V
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V


Similar Part No. - AT24C04A-10PE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04A-10PI-1.8 ATMEL-AT24C04A-10PI-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
AT24C04A-10PI-2.7 ATMEL-AT24C04A-10PI-2.7 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
More results

Similar Description - AT24C04A-10PE-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com