Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM4856AR Datasheet(PDF) 4 Page - Analog Devices

Part # ADM4856AR
Description  5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4856AR Datasheet(HTML) 4 Page - Analog Devices

  ADM4856AR Datasheet HTML 1Page - Analog Devices ADM4856AR Datasheet HTML 2Page - Analog Devices ADM4856AR Datasheet HTML 3Page - Analog Devices ADM4856AR Datasheet HTML 4Page - Analog Devices ADM4856AR Datasheet HTML 5Page - Analog Devices ADM4856AR Datasheet HTML 6Page - Analog Devices ADM4856AR Datasheet HTML 7Page - Analog Devices ADM4856AR Datasheet HTML 8Page - Analog Devices ADM4856AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM4850–ADM4857
Rev. 0 | Page 4 of 16
ADM4850/ADM4854 TIMING SPECIFICATIONS
V = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
115
kbps
Propagation Delay tPLH, tPHL
600
2500
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Skew tSKEW
70
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Rise/Fall Time tR, tF
600
2400
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Enable Time
2000
ns
RL = 500 Ω, CL = 100 pF, Figure 7, ADM4850
Disable Time
2000
ns
RL = 500 Ω, CL = 15 pF, Figure 7, ADM4850
Enable Time from Shutdown
4000
ns
RL = 500 Ω, CL = 100 pF, Figure 7, ADM4850
RECEIVER
Propagation Delay tPLH, tPH
400
1000
ns
CL = 15 pF, Figure 8
Differential Skew tSKEW
255
ns
CL = 15 pF, Figure 8
Enable Time
5
50
ns
RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4850
Disable Time
20
50
ns
RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4850
Enable Time from Shutdown
4000
ns
RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4850
Time to Shut Down
50
330
3000
ns
ADM48501
1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to
enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode.
ADM4851/ADM4855 TIMING SPECIFICATIONS
V = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
500
kbps
Propagation Delay tPLH, tPHL
250
600
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Skew tSKEW
40
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Rise/Fall Time tR, tF
200
600
ns
RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6
Enable Time
1000
ns
RL = 500 Ω, CL = 100 pF, Figure 7, ADM4851
Disable Time
1000
ns
RL = 500 Ω, CL = 15 pF, Figure 7, ADM4851
Enable Time from Shutdown
4000
ns
RL = 500 Ω, CL = 100 pF, Figure 7, ADM4851
RECEIVER
Propagation Delay tPLH, tPHL
400
1000
ns
CL = 15 pF, Figure 8
Differential Skew tSKEW
250
ns
CL = 15 pF, Figure 8
Enable Time
5
50
ns
RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4851
Disable Time
20
50
ns
RL =1 kΩ, CL = 15 pF, Figure 9, ADM4851
Enable Time from Shutdown
4000
ns
RL =1 kΩ, CL = 15 pF, Figure 9, ADM4851
Time to Shut Down
50
330
3000
ns
ADM48511
1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to
enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode.


Similar Part No. - ADM4856AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4856ARZ AD-ADM4856ARZ Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4856ARZ AD-ADM4856ARZ Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4856ARZ-REEL7 AD-ADM4856ARZ-REEL7 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4856ARZ-REEL7 AD-ADM4856ARZ-REEL7 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
More results

Similar Description - ADM4856AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4852 AD-ADM4852_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4854 AD-ADM4854_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4857 AD-ADM4857_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com