Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM4851ACP-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # ADM4851ACP-REEL
Description  5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4851ACP-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM4851ACP-REEL Datasheet HTML 6Page - Analog Devices ADM4851ACP-REEL Datasheet HTML 7Page - Analog Devices ADM4851ACP-REEL Datasheet HTML 8Page - Analog Devices ADM4851ACP-REEL Datasheet HTML 9Page - Analog Devices ADM4851ACP-REEL Datasheet HTML 10Page - Analog Devices ADM4851ACP-REEL Datasheet HTML 11Page - Analog Devices ADM4851ACP-REEL Datasheet HTML 12Page - Analog Devices ADM4851ACP-REEL Datasheet HTML 13Page - Analog Devices ADM4851ACP-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM4850–ADM4857
Rev. 0 | Page 10 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
400
0
50
100
150
200
250
300
350
–50
–25
0
25
50
75
100
125
TEMPERATURE (
°C)
ADM4853: DE = VCC
ADM4853: DE = GND
ADM4850: DE = VCC
ADM4850: DE = GND
Figure 14. Unloaded Supply Current vs. Temperature
50
0
5
10
15
20
25
30
35
40
45
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
RECEIVER OUTPUT LOW VOLTAGE (V)
Figure 15. Output Current vs. Receiver Output Low Voltage
5
0
–5
–10
–15
–20
3.5
4.0
4.5
5.0
5.5
RECEIVER OUTPUT HIGH VOLTAGE (V)
Figure 16. Output Current vs. Receiver Output High Voltage
0.40
0.15
0.20
0.25
0.30
0.35
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
Figure 17. Receiver Output Low Voltage vs. Temperature
4.6
4.0
4.1
4.2
4.3
4.4
4.5
–50
–25
0
255075
100
125
TEMPERATURE (°C)
Figure 18. Receiver Output High Voltage Temperature
90
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DIFFERENTIAL OUTPUT VOLTAGE (V)
Figure 19. Driver Output Current vs. Differential Output Voltage


Similar Part No. - ADM4851ACP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4851ARZ AD-ADM4851ARZ Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4851ARZ AD-ADM4851ARZ Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851ARZ-REEL7 AD-ADM4851ARZ-REEL7 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4851ARZ-REEL7 AD-ADM4851ARZ-REEL7 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
More results

Similar Description - ADM4851ACP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4852 AD-ADM4852_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4854 AD-ADM4854_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4857 AD-ADM4857_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com