Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1602IPFBRG4 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS1602IPFBRG4
Description  16-Bit, 2.5MSPS Analog-to-Digital Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1602IPFBRG4 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS1602IPFBRG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 9Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 10Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ADS1602
SBAS341B − DECEMBER 2004 − REVISED APRIL 2005
www.ti.com
7
PIN ASSIGNMENTS
TQFP PACKAGE
(TOP VIEW)
36
35
34
33
32
31
30
29
28
27
26
25
DGND
NC
DVDD
DGND
FSO
FSO
DOUT
DOUT
SCLK
SCLK
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
AGND
AVDD
AGND
AINN
AINP
AGND
AVDD
RBIAS
AGND
AVDD
AGND
AVDD
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
ADS1602
Terminal Functions
TERMINAL
FUNCTION
DESCRIPTION
NAME
NO.
FUNCTION
DESCRIPTION
AGND
1, 3, 6, 9, 11, 39, 41
Analog
Analog ground
AVDD
2, 7, 10, 12, 42
Analog
Analog supply
AINN
4
Analog input
Negative analog input
AINP
5
Analog input
Positive analog input
RBIAS
8
Analog
Terminal for external analog bias setting resistor.
REFEN
13
Digital input: active low
Internal reference enable. Internal pull-down resistor of 170k
Ω to DGND.
NC
14, 16, 24−26, 35
Do not connect
These terminals must be left unconnected.
RPULLUP
15
Digital Input
Pull-up to DVDD with 10k
Ω resistor (see Figure 53).
PD
17
Digital input: active low
Power down all circuitry. Internal pull-up resistor of 170k
Ω to DGND.
DVDD
18, 23, 34
Digital
Digital supply
DGND
19, 22, 33, 36, 38
Digital
Digital ground
SYNC
20
Digital input
Synchronization control input
OTR
21
Digital output
Indicates analog input signal is out of range.
SCLK
28
Digital output
Serial clock output
SCLK
27
Digital output
Serial clock output, complementary signal.
DOUT
30
Digital output
Data output
DOUT
29
Digital output
Data output, complementary signal.
FSO
32
Digital output
Frame synchronization output
FSO
31
Digital output
Frame synchronization output, complementary signal.
IOVDD
37
Digital
Digital I/O supply
CLK
40
Digital input
Clock input
VCAP
43
Analog
Terminal for external bypass capacitor connection to internal bias voltage.
VREFN
44, 45
Analog
Negative reference voltage
VMID
46
Analog
Midpoint voltage
VREFP
47, 48
Analog
Positive reference voltage


Similar Part No. - ADS1602IPFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1602IPFBRG4 TI1-ADS1602IPFBRG4 Datasheet
778Kb / 29P
[Old version datasheet]   16-Bit, 2.5MSPS Analog-to-Digital Converter
More results

Similar Description - ADS1602IPFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1602 TI1-ADS1602 Datasheet
778Kb / 29P
[Old version datasheet]   16-Bit, 2.5MSPS Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com