Electronic Components Datasheet Search |
|
ADM4850AR-REEL Datasheet(PDF) 4 Page - Analog Devices |
|
ADM4850AR-REEL Datasheet(HTML) 4 Page - Analog Devices |
4 / 16 page ADM4850–ADM4857 Rev. 0 | Page 4 of 16 ADM4850/ADM4854 TIMING SPECIFICATIONS V = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted. Table 3. Parameter Min Typ Max Unit Test Conditions/Comments DRIVER Maximum Data Rate 115 kbps Propagation Delay tPLH, tPHL 600 2500 ns RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6 Skew tSKEW 70 ns RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6 Rise/Fall Time tR, tF 600 2400 ns RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6 Enable Time 2000 ns RL = 500 Ω, CL = 100 pF, Figure 7, ADM4850 Disable Time 2000 ns RL = 500 Ω, CL = 15 pF, Figure 7, ADM4850 Enable Time from Shutdown 4000 ns RL = 500 Ω, CL = 100 pF, Figure 7, ADM4850 RECEIVER Propagation Delay tPLH, tPH 400 1000 ns CL = 15 pF, Figure 8 Differential Skew tSKEW 255 ns CL = 15 pF, Figure 8 Enable Time 5 50 ns RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4850 Disable Time 20 50 ns RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4850 Enable Time from Shutdown 4000 ns RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4850 Time to Shut Down 50 330 3000 ns ADM48501 1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode. ADM4851/ADM4855 TIMING SPECIFICATIONS V = 5 V ± 5%, TA = TMIN to TMAX, unless otherwise noted. Table 4. Parameter Min Typ Max Unit Test Conditions/Comments DRIVER Maximum Data Rate 500 kbps Propagation Delay tPLH, tPHL 250 600 ns RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6 Skew tSKEW 40 ns RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6 Rise/Fall Time tR, tF 200 600 ns RLDIFF = 54 Ω, CL1 = CL2 = 100 pF, Figure 6 Enable Time 1000 ns RL = 500 Ω, CL = 100 pF, Figure 7, ADM4851 Disable Time 1000 ns RL = 500 Ω, CL = 15 pF, Figure 7, ADM4851 Enable Time from Shutdown 4000 ns RL = 500 Ω, CL = 100 pF, Figure 7, ADM4851 RECEIVER Propagation Delay tPLH, tPHL 400 1000 ns CL = 15 pF, Figure 8 Differential Skew tSKEW 250 ns CL = 15 pF, Figure 8 Enable Time 5 50 ns RL = 1 kΩ, CL = 15 pF, Figure 9, ADM4851 Disable Time 20 50 ns RL =1 kΩ, CL = 15 pF, Figure 9, ADM4851 Enable Time from Shutdown 4000 ns RL =1 kΩ, CL = 15 pF, Figure 9, ADM4851 Time to Shut Down 50 330 3000 ns ADM48511 1 The half-duplex device is put into shutdown mode by driving RE high and DE low. If these inputs are in this state for less than 50 ns, the device is guaranteed not to enter shutdown mode. If the enable inputs are in this state for at least 3000 ns, the device is guaranteed to enter shutdown mode. |
Similar Part No. - ADM4850AR-REEL |
|
Similar Description - ADM4850AR-REEL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |