Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6636BC Datasheet(PDF) 4 Page - Analog Devices

Part # AD6636BC
Description  150 MSPS Wideband Digital Down-Converter (DDC)
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BC Datasheet(HTML) 4 Page - Analog Devices

  AD6636BC Datasheet HTML 1Page - Analog Devices AD6636BC Datasheet HTML 2Page - Analog Devices AD6636BC Datasheet HTML 3Page - Analog Devices AD6636BC Datasheet HTML 4Page - Analog Devices AD6636BC Datasheet HTML 5Page - Analog Devices AD6636BC Datasheet HTML 6Page - Analog Devices AD6636BC Datasheet HTML 7Page - Analog Devices AD6636BC Datasheet HTML 8Page - Analog Devices AD6636BC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
AD6636
Rev. 0 | Page 4 of 72
The overall filter response for the AD6636 is the composite of
all the combined filter stages. Each successive filter stage is
capable of narrower transition bandwidths, but requires a
greater number of CLK cycles to calculate the output. More
decimation in the first filter stage minimizes overall power
consumption. Data from the device is interfaced to a
DSP/FPGA/baseband processor via either high speed parallel
ports (preferred) or a DSP-compatible microprocessor interface.
The AD6636 is available both in 4-channel and 6-channel
versions. The data sheet primarily discusses the 6-channel part.
The only difference between the 6-channel and 4-channel
devices is that on the 4-channel version, Channels 4 and 5 are
not available (see Figure 1). The 4-channel device still has the
same input ports, output ports, and memory map. The memory
map section for Channels 4 and 5 can be programmed and read
back, but it serves no purpose.
PRODUCT HIGHLIGHTS
Six independent digital filtering channels
101 dB SNR noise performance, 110 dB spurious
performance
Four input ports capable of 150 MSPS input data rates
RMS/peak power monitoring of input ports and 96 dB
range AGCs before the output ports
Three programmable RAM coefficient filters, three half-
band filters, two fixed coefficient filters, and one fifth-order
CIC filter per channel
Complex filtering and biphase filtering (300 MSPS ADC
input) by combining filtering capability of multiple
channels
Three 16-bit parallel output ports operating at up to
200 MHz clock
Blackfin®- and TigerSHARC®-compatible 16-bit
microprocessor port
Synchronous serial communications port is compatible
with most serial interface standards, SPORT, SPI, and SSR


Similar Part No. - AD6636BC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
   150 MSPS, Wideband, Digital Downconverter
REV. A
More results

Similar Description - AD6636BC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
   150 MSPS, Wideband, Digital Downconverter
REV. A
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Analog Devices
AD9254S AD-AD9254S Datasheet
2Mb / 26P
   14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
   14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
   Digital Down Converter
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com