Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6624AABC Datasheet(PDF) 1 Page - Analog Devices

Part # AD6624AABC
Description  Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624AABC Datasheet(HTML) 1 Page - Analog Devices

  AD6624AABC Datasheet HTML 1Page - Analog Devices AD6624AABC Datasheet HTML 2Page - Analog Devices AD6624AABC Datasheet HTML 3Page - Analog Devices AD6624AABC Datasheet HTML 4Page - Analog Devices AD6624AABC Datasheet HTML 5Page - Analog Devices AD6624AABC Datasheet HTML 6Page - Analog Devices AD6624AABC Datasheet HTML 7Page - Analog Devices AD6624AABC Datasheet HTML 8Page - Analog Devices AD6624AABC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD6624A
The AD6624A is part of Analog Devices’ SoftCell
® multicarrier
transceiver chipset designed for compatibility with Analog
Devices’ family of high sample rate IF sampling ADCs (AD6640/
AD6644 12- and 14-bit). The SoftCell receiver comprises a
digital receiver capable of digitizing an entire spectrum of
carriers and digitally selecting the carrier of interest for tuning
and channel selection. This architecture eliminates redundant
radios in wireless base station applications.
High dynamic range decimation filters offer a wide range of
decimation rates. The RAM-based architecture allows easy
reconfiguration for multimode applications.
The decimating filters remove unwanted signals and noise from
the channel of interest. When the channel of interest occupies less
bandwidth than the input signal, this rejection of out-of-band
noise is called “processing gain.” By using large decimation
factors, this “processing gain” can improve the SNR of the
ADC by 30 dB or more. In addition, the programmable RAM
coefficient filter allows antialiasing, matched filtering, and
static equalization functions to be combined in a single, cost-
effective filter.
The AD6624A is compatible with standard ADC converters such
as the AD664x, AD9042, AD943x and the AD922x families of
data converters. The AD6624A is also compatible with the
AD6600 Diversity ADC, providing a cost and size reduction path.
Four-Channel, 100 MSPS Digital
Receive Signal Processor (RSP)
FUNCTIONAL BLOCK DIAGRAM
CH A
NCO
rCIC2
RESAMPLER
CIC5
RAM
COEFFICIENT
FILTER
16 BITS
18 BITS
20 BITS
24 BITS
INPUT
MATRIX
SERIAL
AND
MICROPORT
INA[13:0]
EXPA[2:0]
IENA
LIA-A
LIA-B
SYNCA
SYNCB
SYNCC
SYNCD
INB[13:0]
EXPB[2:0]
IENB
LIB-A
LIB-B
SDIN[3:0]
SDO[3:0]
DR[3:0]
SDFS[3:0]
SDFE[3:0]
SCLK[3:0]
MODE
DS(RD)
CS
RW(
WR)
DTACK(RDY)
A[2:0]
D[7:0]
CH B
NCO
rCIC2
RESAMPLER
CIC5
RAM
COEFFICIENT
FILTER
CH C
NCO
rCIC2
RESAMPLER
CIC5
RAM
COEFFICIENT
FILTER
CH D
NCO
rCIC2
RESAMPLER
CIC5
RAM
COEFFICIENT
FILTER
EXTERNAL SYNC
CIRCUITRY
JTAG
INTERFACE
BUILT-IN
SELF-TEST
FEATURES
100 MSPS Wideband Inputs (14 Linear Bits Plus 3 RSSI)
Dual High-Speed Data Input Ports
Four Independent Digital Receivers in Single Package
Digital Resampling for Noninteger Decimation Rates
Programmable Decimating FIR Filters
Programmable Attenuator Control for Clip Prevention
and External Gain Ranging via Level Indicator
Flexible Control for Multicarrier and Phased Array
3.3 V I/O, 2.5 V CMOS Core
User-Configurable Built-In Self-Test (BIST) Capability
JTAG Boundary Scan
APPLICATIONS
Multicarrier, Multimode Digital Receivers GSM, IS136,
EDGE, PHS, IS95
Micro and Pico Cell Systems
Wireless Local Loop
Smart Antenna Systems
Software Radios
In-Building Wireless Telephony
PRODUCT DESCRIPTION
The AD6624A is a four-channel (quad) digital receive signal
processor (RSP) with four cascaded signal-processing elements:
a frequency translator, two fixed-coefficient decimating filters,
and a programmable-coefficient decimating filter.
SoftCell is a registered trademark of Analog Devices, Inc.


Similar Part No. - AD6624AABC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6624AS AD-AD6624AS Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
More results

Similar Description - AD6624AABC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6624 AD-AD6624 Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6635 AD-AD6635 Datasheet
799Kb / 60P
   4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
REV. 0
AD6634 AD-AD6634 Datasheet
925Kb / 52P
   80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
REV. 0
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620 AD-AD6620 Datasheet
354Kb / 43P
   65 MSPS Digital Receive Signal Processor
REV. 0
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6622 AD-AD6622_15 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com