Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M56755AFP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M56755AFP
Description  SPINDLE MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56755AFP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M56755AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56755AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56755AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56755AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56755AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56755AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56755AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56755AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M56755AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SPINDLE MOTOR DRIVER
M56755AFP
MITSUBISHI <CONTROL / DRIVER IC>
HB terminal voltage and Hall current characteristics. (Condition : Vcc = 4.4V – 7V)
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Hall current (mA)
0.85
THERMAL DERATING
(
°C)
Ambient Temperature (Ta)
0
25
50
75
100
125
150
1.0
2.0
3.0
4.0
5.0
4.5
1.2
6.0
(W)
Without heatsink
With infinite heatsink


Similar Part No. - M56755AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
More results

Similar Description - M56755AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
M56785FP MITSUBISHI-M56785FP Datasheet
212Kb / 11P
   SPINDLE MOTOR DRIVER
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
   SPINDLE MOTOR DRIVER
logo
Fairchild Semiconductor
KA3016D FAIRCHILD-KA3016D Datasheet
522Kb / 18P
   SPINDLE MOTOR DRIVER
logo
Sanyo Semicon Device
LB1913 SANYO-LB1913 Datasheet
90Kb / 6P
   FDD Spindle Motor Driver
LB1817M SANYO-LB1817M Datasheet
164Kb / 9P
   FDD Spindle Motor Driver
logo
Rohm
BA6477FS ROHM-BA6477FS Datasheet
170Kb / 12P
   FDD spindle motor driver
logo
Sanyo Semicon Device
LB1910 SANYO-LB1910 Datasheet
111Kb / 7P
   FDD Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com