Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX02MTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LCX02MTR
Description  LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX02MTR Datasheet(HTML) 4 Page - STMicroelectronics

  74LCX02MTR Datasheet HTML 1Page - STMicroelectronics 74LCX02MTR Datasheet HTML 2Page - STMicroelectronics 74LCX02MTR Datasheet HTML 3Page - STMicroelectronics 74LCX02MTR Datasheet HTML 4Page - STMicroelectronics 74LCX02MTR Datasheet HTML 5Page - STMicroelectronics 74LCX02MTR Datasheet HTML 6Page - STMicroelectronics 74LCX02MTR Datasheet HTML 7Page - STMicroelectronics 74LCX02MTR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74LCX02
4/8
AC ELECTRICAL CHARACTERISTICS
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|)
2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate)
TEST CIRCUIT
CL = 50 pF or equivalent (includes jig and probe capacitance)
RL = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time
2.7
50
500
2.5
4.4
4.4
ns
3.0 to 3.6
1.0
5.4
1.0
5.4
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
3.0 to 3.6
50
500
2.5
1.0
1.0
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input Capacitance
3.3
VIN = 0 to VCC
6pF
CPD
Power Dissipation Capacitance
(note 1)
3.3
fIN = 10MHz
VIN = 0 or VCC
43
pF


Similar Part No. - 74LCX02MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX02MTR STMICROELECTRONICS-74LCX02MTR Datasheet
241Kb / 15P
   Low voltage CMOS QUAD 2-Input NOR gate with 5V tolerant inputs
More results

Similar Description - 74LCX02MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX02 STMICROELECTRONICS-74LVX02 Datasheet
162Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
74LCX02 STMICROELECTRONICS-74LCX02 Datasheet
241Kb / 15P
   Low voltage CMOS QUAD 2-Input NOR gate with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX02 FAIRCHILD-74LCX02 Datasheet
91Kb / 8P
   Low Voltage Quad 2-Input NOR Gate with 5V Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX02F TOSHIBA-TC74LCX02F Datasheet
253Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX02 ONSEMI-74LCX02 Datasheet
414Kb / 11P
   Low Voltage Quad 2-Input NOR Gate Tolerant Inputs
January 2008 Rev. 1.6.0
logo
STMicroelectronics
74LVX08 STMICROELECTRONICS-74LVX08 Datasheet
163Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
74LVX08 STMICROELECTRONICS-74LVX08_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com