Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC137DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC137DB
Description  3-to-8 line decoder, demultiplexer with address latches inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC137DB Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC137DB Datasheet HTML 1Page - NXP Semiconductors 74HC137DB Datasheet HTML 2Page - NXP Semiconductors 74HC137DB Datasheet HTML 3Page - NXP Semiconductors 74HC137DB Datasheet HTML 4Page - NXP Semiconductors 74HC137DB Datasheet HTML 5Page - NXP Semiconductors 74HC137DB Datasheet HTML 6Page - NXP Semiconductors 74HC137DB Datasheet HTML 7Page - NXP Semiconductors 74HC137DB Datasheet HTML 8Page - NXP Semiconductors 74HC137DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74HC137 is a high-speed Si-gate CMOS device and is pin compatible with low power
Schottky TTL (LSTTL). The 74HC137 is specified in compliance with JEDEC
standard no. 7A.
The 74HC137 is a 3-to-8 line decoder, demultiplexer with latches at the three address
inputs (An). The 74HC137 essentially combines the 3-to-8 decoder function with a 3-bit
storage latch. When the latch is enabled (LE = LOW), the 74HC137 acts as a 3-to-8 active
LOW decoder. When the latch enable (LE) goes from LOW-to-HIGH, the last data present
at the inputs before this transition, is stored in the latches. Further address changes are
ignored as long as LE remains HIGH.
The output enable input (E1 and E2) controls the state of the outputs independent of the
address inputs or latch operation. All outputs are HIGH unless E1 is LOW and E2 is HIGH.
The 74HC137 is ideally suited for implementing non-overlapping decoders in 3-state
systems and strobed (stored address) applications in bus oriented systems.
2.
Features
s Combines 3-to-8 decoder with 3-bit latch
s Multiple input enable for easy expansion or independent controls
s Active LOW mutually exclusive outputs
s Low-power dissipation
s Complies with JEDEC standard no. 7A
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V.
s Multiple package options
s Specified from
−40 °Cto+80 °C and from −40 °C to +125 °C.
74HC137
3-to-8 line decoder, demultiplexer with address latches;
inverting
Rev. 03 — 11 November 2004
Product data sheet


Similar Part No. - 74HC137DB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC137DB NEXPERIA-74HC137DB Datasheet
273Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches; inverting
Rev. 5 - 4 August 2021
More results

Similar Description - 74HC137DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137_15 Datasheet
114Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches; inverting
Rev. 03-11 November 2004
logo
Nexperia B.V. All right...
74HC137 NEXPERIA-74HC137 Datasheet
273Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches; inverting
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137_1 Datasheet
72Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
   3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
   3-to-8 line decoder/demultiplexer with address latches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com