Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-5630 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-5630
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5630 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5630 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5630 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5630 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Electrical Characteristics, (Contd.) TA = -55°C to +125°C unless otherwise specified
Limits
Parameter
Symbol
Conditions
Subgroups
Min.
Typ.** Max. Units Fig.
Note
tPLH*
9
60
100
ns
4, 5,
1, 5
10, 11
140
tPHL*
9
55
100
ns
10, 11
120
Output Rise Time
tLH
RL = 510 Ω,
9, 10, 11
35
90
ns
1
Output Fall Time
tHL
35
40
Common Mode
|CMH|VCM = 50 V (PEAK),
9, 10, 11
1000 >10000
V/
µs
7
1, 7,
Transient
VCC = 5 V,
14
Immunity at
VO (min.) = 2 V,
High Output
RL = 510 Ω,
Level
IF = 0 mA
Common Mode
|CML|VCM = 50 V (PEAK),
9, 10, 11
1000 >10000
V/
µs
7
1, 7,
Transient
VCC = 5 V,
14
Immunity at
VO (max.) = 0.8 V,
Low Output
RL = 510 kΩ,
Level
IF = 10 mA
Single Channel Product Only
Low Level
IEL
VCC = 5.5 V,
1, 2, 3
-1.45
-2.0
mA
Enable Current
VE = 0.5 V
High Level
VEH
1, 2, 3
2.0
V
10
Enable Voltage
Low Level
VEL
1, 2, 3
0.8
V
Enable Voltage
*Identified test parameters for JEDEC registered part.
**All typical values are at VCC = 5 V, TA = 25°C.
Typical Characteristics, TA = 25°C, VCC = 5 V
Parameter
Sym.
Typ.
Units
Test Conditions
Fig.
Note
Input Capacitance
CIN
60
pF
VF = 0 V, f = 1 MHz
1
Input Diode Temperature
∆V
F
-1.5
mV/
°CI
F = 20 mA
1
∆T
A
Resistance (Input-Output)
RI-O
1012
VI-O = 500 V
2
Single Channel Product Only
Propagation Delay Time of
tELH
35
ns
RL = 510 Ω, CL = 50 pF
8, 9
1, 11
Enable from VEH to VEL
IF = 13 mA, VEH = 3 V,
Propagation Delay Time of
tEHL
35
ns
1, 12
Enable from VEL to VEH
Dual and Quad Channel Product Only
Input-Input
II-I
0.5
nA
Relative Humidity = 45%
4
Leakage Current
VI-I = 500 V, t = 5 s
Resistance (Input-Input)
RI-I
1012
VI-I = 500 V
4
Capacitance (Input-Input)
CI-I
0.55
pF
f = 1 MHz
4
Propagation Delay
Time to Low
Output Level
6
Propagation Delay
Time to High
Output Level
Group A[13]
Test
VCC = 5 V,
RL = 510 Ω,
CL = 50 pF,
IF = 13 mA
Coefficient
CL = 50 pF,
IF = 13 mA
VEL = 0 V


Similar Part No. - HCPL-5630

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results

Similar Description - HCPL-5630

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-2672L AVAGO-ACPL-2672L Datasheet
147Kb / 11P
   Hermetically Sealed, 3.3V High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com