Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70TPS16 Datasheet(PDF) 3 Page - International Rectifier

Part # 70TPS16
Description  PHASE CONTROL SCR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70TPS16 Datasheet(HTML) 3 Page - International Rectifier

  70TPS16 Datasheet HTML 1Page - International Rectifier 70TPS16 Datasheet HTML 2Page - International Rectifier 70TPS16 Datasheet HTML 3Page - International Rectifier 70TPS16 Datasheet HTML 4Page - International Rectifier 70TPS16 Datasheet HTML 5Page - International Rectifier 70TPS16 Datasheet HTML 6Page - International Rectifier 70TPS16 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
70TPS.. SAFE
IR Series
Bulletin I2164 Rev. A 10/04
www.irf.com
PGM Max. peak Gate Power
10
W
t = 30µs
P
G(AV) Max. average Gate Power
2.5
I
GM
Max. peak Gate Current
2.5
A
- V
GM Max. peak negative Gate Voltage
10
V
V
GT
Max. required DC Gate Voltage
4.0
TJ = - 40°C
Anode supply = 6V
to trigger
1.5
TJ = 25°C
resistive load
1.1
TJ = 125°C
I
GT
Max. required DC Gate Current
270
mA
TJ = - 40°C
to trigger
100
TJ = 25°C
80
TJ = 125°C
V
GD
Max. DC Gate Voltage not to trigger
0.25
V
TJ = 125°C, VDRM = rated value
I
GD
Max. DC Gate Current not to trigger
6
mA
Parameters
70TPS..
Units
Conditions
Triggering
Thermal-Mechanical Specifications
TJ
Max. Junction Temperature Range - 40 to 125
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
R
thJC Max. Thermal Resistance Junction
0.27
°C/W
DC operation
to Case
R
thJA Max. Thermal Resistance Junction
40
to Ambient
R
thCS Max. Thermal Resistance Case
0.2
Mounting surface, smooth and greased
to Heatsink
wt
Approximate Weight
6 (0.21)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Kg-cm
Max.
12 (10)
(lbf-in)
Case Style
Super-247
Parameters
70TPS..
Units
Conditions
Sine half wave conduction
Rect. wave conduction
Device
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
70TPS
0.078
0.092
0.117
0.172
0.302
0.053
0.092
0.125
0.180
0.306
°C/W
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)


Similar Part No. - 70TPS16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70TPS16 VISHAY-70TPS16 Datasheet
112Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
70TPS16 VISHAY-70TPS16 Datasheet
134Kb / 8P
   Phase Control SCR, 70 A
Revision: 07-Dec-10
70TPS16 VISHAY-70TPS16 Datasheet
97Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
logo
Inchange Semiconductor ...
70TPS16 ISC-70TPS16 Datasheet
221Kb / 2P
   isc Thyristors
logo
Vishay Siliconix
70TPS16PBF VISHAY-70TPS16PBF Datasheet
116Kb / 7P
   Phase Control SCR, 70 A
Revision: 06-Jun-08
More results

Similar Description - 70TPS16

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T7H8650A POWEREX-T7H8650A Datasheet
153Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com