Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8P4J Datasheet(PDF) 4 Page - NEC

Part # 8P4J
Description  8 A MOLD THYRISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

8P4J Datasheet(HTML) 4 Page - NEC

  8P4J Datasheet HTML 1Page - NEC 8P4J Datasheet HTML 2Page - NEC 8P4J Datasheet HTML 3Page - NEC 8P4J Datasheet HTML 4Page - NEC 8P4J Datasheet HTML 5Page - NEC 8P4J Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - 8P4J

ManufacturerPart #DatasheetDescription
logo
NEC
8P4M NEC-8P4M Datasheet
1Mb / 6P
   8 A THYRISTOR
logo
Inchange Semiconductor ...
8P4M ISC-8P4M Datasheet
144Kb / 1P
   Motor speed control for household appliance
logo
Renesas Technology Corp
8P4SM RENESAS-8P4SM Datasheet
1Mb / 8P
   THYRISTORS
1988
logo
NEC
8P4SMA NEC-8P4SMA Datasheet
238Kb / 6P
   8A MOLD ISOLATED SCR
logo
Renesas Technology Corp
8P4SMA RENESAS-8P4SMA Datasheet
1Mb / 8P
   THYRISTORS
1988
More results

Similar Description - 8P4J

ManufacturerPart #DatasheetDescription
logo
NEC
5P4J NEC-5P4J Datasheet
1Mb / 6P
   5 A SMALL MOLD THYRISTOR
3P4J NEC-3P4J Datasheet
1Mb / 6P
   3A MOLD THYRISTOR
8P2M NEC-8P2M Datasheet
1Mb / 6P
   8 A THYRISTOR
logo
Tiger Electronic Co.,Lt...
5P4J TGS-5P4J Datasheet
129Kb / 1P
   5A SMALL MOLD THYRISTOR
logo
Renesas Technology Corp
8P2SMA RENESAS-8P2SMA Datasheet
410Kb / 8P
   8 A RESIN MOLD TYPE SCR
2011
AC08DSMA RENESAS-AC08DSMA Datasheet
285Kb / 8P
   8 A RESIN MOLD TYPE TRIAC
April 1st, 2010
logo
SanRex Corporation
SG25AA40 SANREX-SG25AA40 Datasheet
106Kb / 2P
   THYRISTOR MODULE (ISOLATED MOLD TYPE)
logo
List of Unclassifed Man...
SG25AA ETC-SG25AA Datasheet
119Kb / 2P
   THYRISTOR MODULE (ISOLATED MOLD TYPE)
logo
SanRex Corporation
SG16AA60 SANREX-SG16AA60 Datasheet
116Kb / 2P
   THYRISTOR MODULE (ISOLATED MOLD TYPE)
logo
KEC(Korea Electronics)
T6A6CI KEC-T6A6CI Datasheet
91Kb / 3P
   Bi-Directional Triode Thyristor 6A Mold TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com