Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2V5P4M Datasheet(PDF) 2 Page - NEC

Part # 2V5P4M
Description  2.5 A PLASTIC MOLDED THYRISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2V5P4M Datasheet(HTML) 2 Page - NEC

  2V5P4M Datasheet HTML 1Page - NEC 2V5P4M Datasheet HTML 2Page - NEC 2V5P4M Datasheet HTML 3Page - NEC 2V5P4M Datasheet HTML 4Page - NEC 2V5P4M Datasheet HTML 5Page - NEC 2V5P4M Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image


Similar Description - 2V5P4M

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2P4M ISC-2P4M Datasheet
122Kb / 1P
   PLASTIC MOLDED THYRISTOR
logo
NEC
2P5M NEC-2P5M Datasheet
396Kb / 6P
   2A PLASTIC MOLDED THYRISTOR
2P4M NEC-2P4M Datasheet
396Kb / 1P
   2A PLASTIC MOLDED THYRISTOR
logo
Foshan Blue Rocket Elec...
MCR100T FOSHAN-MCR100T Datasheet
727Kb / 6P
   Thyristor in a SOT-89 Plastic Package
MCR22 FOSHAN-MCR22 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
PCR406 FOSHAN-PCR406 Datasheet
705Kb / 6P
   Thyristor in a TO-92 Plastic Package
XL1225 FOSHAN-XL1225 Datasheet
702Kb / 6P
   Thyristor in a TO-92 Plastic Package
BT151 FOSHAN-BT151 Datasheet
1Mb / 6P
   Thyristor in a TO-220 Plastic Package
X0605MK FOSHAN-X0605MK Datasheet
755Kb / 6P
   Thyristor in a TO-92 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com