Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTXV2N3846 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTXV2N3846
Description  NPN POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV2N3846 Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTXV2N3846 Datasheet HTML 1Page - Microsemi Corporation JANTXV2N3846 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/412
Devices
Qualified Level
2N3846
2N3847
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N3846
2N3847
Units
Collector-Emitter Voltage
VCEO
200
300
Vdc
Collector-Base Voltage
VCBO
300
400
Vdc
Emitter-Base Voltage
VEBO
10
Vdc
Collector Current
IC
20
Adc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +100
0C (2)
PT
4.0
150
W
W
Operating & Storage Temperature Range
Top, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
0.5
0C/W
1) Derate linearly 26.6 mW/
0C to +1750C
2) Derate linearly 2 W/
0C to +1750C
TO-63*
*See Appendix A for Package
Outline
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 200 mAdc; IB = 0
2N3846
2N3847
V(BR)CEO
200
300
Vdc
Collector-Emitter Cutoff Current
VCE = 300 Vdc; VBE = 0
2N3846
VCE = 400 Vdc; VBE = 0
2N3847
ICES
2
2
mAdc
Collector-Emitter Cutoff Current
VCE = 200 Vdc; IB = 0
2N3846
VCE = 300 Vdc; IB = 0
2N3847
ICEO
5
5
mAdc
Emitter-Base Cutoff Current
VBE = 10 Vdc; IC = 0
IEBO
250
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - JANTXV2N3846

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
JANTXV2N3821 SOLITRON-JANTXV2N3821 Datasheet
186Kb / 2P
   N-CHANNEL JFETS - 1
JANTXV2N3822 SOLITRON-JANTXV2N3822 Datasheet
186Kb / 2P
   N-CHANNEL JFETS - 1
JANTXV2N3823 SOLITRON-JANTXV2N3823 Datasheet
186Kb / 2P
   N-CHANNEL JFETS - 1
logo
Microsemi Corporation
JANTXV2N3838 MICROSEMI-JANTXV2N3838 Datasheet
135Kb / 2P
   NPN/PNP SILICON COMPLEMENTARY SMALL SIGNAL DUAL
JANTXV2N3867 MICROSEMI-JANTXV2N3867 Datasheet
56Kb / 2P
   Silicon PNP Power Transistors
More results

Similar Description - JANTXV2N3846

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com