Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9563801VQA Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # 5962R9563801VQA
Description  Radiation-Hardened MicroController
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962R9563801VQA Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  5962R9563801VQA Datasheet HTML 1Page - Aeroflex Circuit Technology 5962R9563801VQA Datasheet HTML 2Page - Aeroflex Circuit Technology 5962R9563801VQA Datasheet HTML 3Page - Aeroflex Circuit Technology 5962R9563801VQA Datasheet HTML 4Page - Aeroflex Circuit Technology 5962R9563801VQA Datasheet HTML 5Page - Aeroflex Circuit Technology 5962R9563801VQA Datasheet HTML 6Page - Aeroflex Circuit Technology 5962R9563801VQA Datasheet HTML 7Page - Aeroflex Circuit Technology 5962R9563801VQA Datasheet HTML 8Page - Aeroflex Circuit Technology 5962R9563801VQA Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Figure 3. Internal Data Memory Organization
2.1.3 Reset
The reset input is the RST pin. To reset, hold the RST pin high
for a minimum of 24 oscillator periods while the oscillator is
running. The CPU generates an internal reset from the external
signal. The port pins are driven to the reset state as soon as a valid
high is detected on the RST pin.
While RST is high, PSEN and the port pins are pulled high; ALE
is pulled low. All SFRs are reset to their reset values as shown
in table 3. The internal Data Memory content is indeterminate.
The processor will begin operation one machine cycle after the
RST line is brought low. A memory access occurs immediately
after the RST line is brought low, but the data is not brought into
the processor. The memory access repeats on the next machine
cycle and actual processing begins at that time.
F8
F0
88
80
78
70
38
30
28
20
18
10
08
00
FF
F7
8F
87
7F
77
3F
37
2F
27
1F
17
0F
07
INDIRECT
ACCESS
ONLY
DIRECT OR
INDIRECT
ACCESS
SCRATCH
PAD AREA
BIT
ADDRESSABLE
SEGMENT
REGISTER
BANKS
8 BYTES


Similar Part No. - 5962R9563801VQA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962R9563801VQYA ETC2-5962R9563801VQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962R9563801VQYC ETC2-5962R9563801VQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962R9563801VQYX ETC2-5962R9563801VQYX Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results

Similar Description - 5962R9563801VQA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Texas Instruments
MSP430FR5969-SP TI1-MSP430FR5969-SP_18 Datasheet
1Mb / 128P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
MSP430FR5969-SP TI1-MSP430FR5969-SP Datasheet
1Mb / 126P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
logo
Microchip Technology
SAMRH707 MICROCHIP-SAMRH707 Datasheet
11Mb / 1389P
   Radiation-Hardened 32-bit Microcontroller with Advanced Radiation-Hardened 32-bit Microcontroller with Advanced
2021
logo
Intersil Corporation
HS-RTX2010RH INTERSIL-HS-RTX2010RH Datasheet
406Kb / 36P
   Radiation Hardened Real Time Express??Microcontroller
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com