Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5024SM Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE5024SM
Description  Zener Diode, 300mW 짹5% Tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5024SM Datasheet(HTML) 2 Page - NTE Electronics

  NTE5024SM Datasheet HTML 1Page - NTE Electronics NTE5024SM Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.098
(2.5)
Max
.074 (1.9)
.118 (3.0) Max
.051
(1.3)
.043 (1.1)
.007 (0.2)
.016 (0.48)
.037 (0.95)
A
K
N.C.


Similar Part No. - NTE5024SM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5024A NTE-NTE5024A Datasheet
26Kb / 3P
   Zener Diode, 1/2 Watt 짹5% Tolerance
More results

Similar Description - NTE5024SM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5198A NTE-NTE5198A Datasheet
32Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5000A NTE-NTE5000A Datasheet
26Kb / 3P
   Zener Diode, 1/2 Watt 짹5% Tolerance
logo
Central Semiconductor C...
CMXTC935A CENTRAL-CMXTC935A Datasheet
524Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE 짹5% TOLERANCE
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Rohm
RLZTE-1162B ROHM-RLZTE-1162B Datasheet
820Kb / 4P
   300mW Zener Leadless Diode
logo
Taiwan Semiconductor Co...
AZ23C2V7 TSC-AZ23C2V7_10 Datasheet
332Kb / 4P
   300mW, Dual SMD Zener Diode
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
61Kb / 4P
   300mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 18 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com