Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN6A09K Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMN6A09K
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN6A09K Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMN6A09K Datasheet HTML 1Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 2Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 3Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 4Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 5Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 6Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXMN6A09K
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
STATIC
Drain-source breakdown voltage
V(BR)DSS
60
V
ID= 250 A, VGS=0V
Zero gate voltage drain current
IDSS
1
AVDS= 60V, VGS=0V
Gate-body leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-source threshold voltage
VGS(th)
1.0
V
ID= 250 A, VDS=VGS
Static drain-source on-state resistance
(1)
RDS(on)
0.045
VGS= 10V, ID= 7.3A
0.070
VGS= 4.5V, ID =5.6A
Forward transconductance
(1) (3)
gfs
15
S
VDS= 15V, ID= 7.3A
DYNAMIC
(3)
Input capacitance
Ciss
1426
pF
VDS= 30V, VGS=0V
f=1MHz
Output capacitance
Coss
134
pF
Reverse transfer capacitance
Crss
64
pF
SWITCHING
(2) (3)
Turn-on-delay time
td(on)
4.8
ns
VDD= 30V, ID=1A
RG≅6.0 ,VGS= 10V
(refer to test circuit)
Rise time
tr
4.6
ns
Turn-off delay time
td(off)
32.5
ns
Fall time
tf
14.5
ns
Total gate charge
Qg
15
nC
VDS= 30V, VGS= 4.5V
ID= 5.6A
Total gate charge
Qg
29
nC
VDS= 30V, VGS= 10V
ID= 7.3A
Gate-source charge
Qgs
7.0
nC
Gate drain charge
Qgd
4.7
nC
SOURCE-DRAIN DIODE
Diode forward voltage
(1)
VSD
0.85
0.95
V
Tj=25°C, IS= 6.6A,
VGS=0V
Reverse recovery time
(3)
trr
25.6
ns
Tj=25°C, IS= 3A,
di/dt=100A/ s
Reverse recovery charge
(3)
Qrr
26.0
nC
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
NOTES
(1) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMN6A09K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
617Kb / 8P
   60V N-channel enhancement mode MOSFET in DPAK
logo
Diodes Incorporated
ZXMN6A09K DIODES-ZXMN6A09K Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
logo
Zetex Semiconductors
ZXMN6A09KTC ZETEX-ZXMN6A09KTC Datasheet
617Kb / 8P
   60V N-channel enhancement mode MOSFET in DPAK
logo
VBsemi Electronics Co.,...
ZXMN6A09KTC VBSEMI-ZXMN6A09KTC Datasheet
898Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Zetex Semiconductors
ZXMN6A09K ZETEX-ZXMN6A09K_07 Datasheet
617Kb / 8P
   60V N-channel enhancement mode MOSFET in DPAK
More results

Similar Description - ZXMN6A09K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09K ZETEX-ZXMN6A09K_07 Datasheet
617Kb / 8P
   60V N-channel enhancement mode MOSFET in DPAK
ZXMN6A25K ZETEX-ZXMN6A25K Datasheet
802Kb / 8P
   60V DPAK N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A25K DIODES-ZXMN6A25K Datasheet
813Kb / 8P
   60V DPAK N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP6A16K ZETEX-ZXMP6A16K Datasheet
587Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP6A16K DIODES-ZXMP6A16K Datasheet
575Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3A04K ZETEX-ZXMN3A04K Datasheet
146Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN10A09K ZETEX-ZXMN10A09K Datasheet
197Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Diodes Incorporated
ZXMN3A04K DIODES-ZXMN3A04K Datasheet
155Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Zetex Semiconductors
ZXMN10A25K ZETEX-ZXMN10A25K Datasheet
601Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN10A25K DIODES-ZXMN10A25K Datasheet
614Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com