Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14D88-NF45 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STK14D88-NF45
Description  32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14D88-NF45 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STK14D88-NF45 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
STK14D88
April 2005
Document Control #ML0033 rev 1.2
4
AC TEST CONDITIONS
CAPACITANCE
b
(TA = 25°C, f = 1.0MHz)
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input Capacitance
7
pF
∆V = 0 to 3V
COUT
Output Capacitance
7
pF
∆V = 0 to 3V
Notes
b: These parameters are guaranteed but not tested
3.0V
30 pF
INCLUDING
SCOPE AND
FIXTURE
577 Ohms
789 Ohms
OUTPUT
3.0V
30 pF
INCLUDING
SCOPE AND
FIXTURE
577 Ohms
789 Ohms
OUTPUT
Figure 3. AC Output Loading,
for tristate specs (
tHZ, tLZ, tWLQZ, tWHQZ,
tGLQX, tGHQZ )
Figure 2. AC Output Loading
Input Pulse Levels
Input Rise and Fall Times
Input and Output Timing Reference Levels
Output Load
0V to 3V
≤ 5ns
1.5V
See Figure 2 and Figure 3
5 pF


Similar Part No. - STK14D88-NF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14D88-NF45 SIMTEK-STK14D88-NF45 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88-NF45 SIMTEK-STK14D88-NF45 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88-NF45I SIMTEK-STK14D88-NF45I Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88-NF45I SIMTEK-STK14D88-NF45I Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88-NF45ITR SIMTEK-STK14D88-NF45ITR Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
More results

Similar Description - STK14D88-NF45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com