Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2015TB-E3 Datasheet(PDF) 2 Page - NEC

Part # UPG2015TB-E3
Description  NECs 1W SINGLE CONTROL L, S-BAND SPDT SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2015TB-E3 Datasheet(HTML) 2 Page - NEC

  UPG2015TB-E3 Datasheet HTML 1Page - NEC UPG2015TB-E3 Datasheet HTML 2Page - NEC UPG2015TB-E3 Datasheet HTML 3Page - NEC UPG2015TB-E3 Datasheet HTML 4Page - NEC UPG2015TB-E3 Datasheet HTML 5Page - NEC UPG2015TB-E3 Datasheet HTML 6Page - NEC UPG2015TB-E3 Datasheet HTML 7Page - NEC UPG2015TB-E3 Datasheet HTML 8Page - NEC UPG2015TB-E3 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UPG2015TB
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
RECOMMENDED OPERATING RANGE (TA = 25°C, unless otherwise specified)
Pin No.
Pin Name
1
OUTPUT1
2
GND
3
OUTPUT2
4VCont
5
INPUT
6VDD
TRUTH TABLE
Vcont
INPUT−OUTPUT1
INPUT−OUTPUT2
Low
OFF
ON
High
ON
OFF
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
+6.0
V
Switch Control Voltage
Vcont
+6.0
V
Input Power
Pin
+33
dBm
Operating Ambient Temperature
TA
−45 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
2.7
2.8
3.0
V
Switch Control Voltage (H)
Vcont (H)
2.7
2.8
3.0
V
Switch Control Voltage (L)
Vcont (L)
−0.2
0
0.2
V
(Top View)
3
2
1
4
5
6
(Bottom View)
4
5
6
3
2
1
(Top View)
3
2
1
4
5
6


Similar Part No. - UPG2015TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2015TB-E3 NEC-UPG2015TB-E3 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2015TB-E3 RENESAS-UPG2015TB-E3 Datasheet
217Kb / 13P
   GaAs INTEGRATED CIRCUIT
2003
logo
California Eastern Labs
UPG2015TB-E3-A CEL-UPG2015TB-E3-A Datasheet
310Kb / 10P
   1W SINGLE CONTROL L, S-BAND SPDT SWITCH
More results

Similar Description - UPG2015TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2030TB NEC-UPG2030TB Datasheet
124Kb / 9P
   NECs 1W L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2015TB CEL-UPG2015TB Datasheet
310Kb / 10P
   1W SINGLE CONTROL L, S-BAND SPDT SWITCH
logo
NEC
UPG2012TK NEC-UPG2012TK Datasheet
306Kb / 7P
   NECs 쩌 W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2179TB NEC-UPG2179TB Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB Datasheet
120Kb / 7P
   NECs 1/4W SINGLE CONTROL L-BAND SPDT SWITCH
UPG2009TB NEC-UPG2009TB Datasheet
134Kb / 8P
   NECs L, S-BAND 4W SPDT SWITCH
logo
California Eastern Labs
UPG2160T5K CEL-UPG2160T5K Datasheet
344Kb / 13P
   L, S-BAND SINGLE CONTROL SPDT SWITCH
logo
NEC
UPG2006TB NEC-UPG2006TB Datasheet
265Kb / 10P
   NECs 1.8 V L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TK CEL-UPG2012TK Datasheet
363Kb / 8P
   W SINGLE CONTROL L, S-BAND SPDT SWITCH
logo
NEC
UPG2214TB NEC-UPG2214TB Datasheet
513Kb / 11P
   NECs 쩍W LOW VOLTAGE L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com