Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C650BIB48 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC16C650BIB48
Description  5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C650BIB48 Datasheet(HTML) 3 Page - NXP Semiconductors

  SC16C650BIB48 Datasheet HTML 1Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 2Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 3Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 4Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 5Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 6Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 7Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 8Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
Philips Semiconductors
SC16C650B
UART with 32-byte FIFOs and IrDA encoder/decoder
Product data
Rev. 03 — 10 December 2004
3 of 51
9397 750 14451
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
4.
Block diagram
Fig 1.
Block diagram.
TRANSMIT
FIFO
REGISTERS
TX
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTERS
RX
SC16C650B
TRANSMIT
SHIFT
REGISTER
MODEM
CONTROL
LOGIC
DTR
RTS
CLOCK AND
BAUD RATE
GENERATOR
CTS
RI
DCD
DSR
XTAL2
BAUDOUT
XTAL1
RCLK
DATA BUS
AND
CONTROL LOGIC
D0–D7
IOR, IOR
IOW, IOW
RESET
A0–A2
CS0, CS1, CS2
REGISTER
SELECT
LOGIC
INT
TXRDY
RXRDY
INTERRUPT
CONTROL
LOGIC
002aaa602
FLOW
CONTROL
LOGIC
FLOW
CONTROL
LOGIC
IR
DECODER
IR
ENCODER
AS
OUT1, OUT2
DDIS


Similar Part No. - SC16C650BIB48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C650BIB48 NXP-SC16C650BIB48 Datasheet
251Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 04-14 September 2009
More results

Similar Description - SC16C650BIB48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C650B NXP-SC16C650B Datasheet
251Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 04-14 September 2009
SC16C652B NXP-SC16C652B_V01 Datasheet
219Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev.04-1 September 2005
SC16C654B PHILIPS-SC16C654B Datasheet
302Kb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 02-20 June 2005
SC16C652B PHILIPS-SC16C652B Datasheet
205Kb / 44P
   5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
Rev. 03-10 December 2004
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
SC16C750B NXP-SC16C750B Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C750B PHILIPS-SC16C750B Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C751B NXP-SC16C751B Datasheet
159Kb / 32P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 02-10 October 2008
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com