Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C650BIB48 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC16C650BIB48
Description  5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C650BIB48 Datasheet(HTML) 1 Page - NXP Semiconductors

  SC16C650BIB48 Datasheet HTML 1Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 2Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 3Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 4Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 5Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 6Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 7Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 8Page - NXP Semiconductors SC16C650BIB48 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
SC16C650B
5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs
and infrared (IrDA) encoder/decoder
Rev. 03 — 10 December 2004
Product data
1.
General description
The SC16C650B is a Universal Asynchronous Receiver and Transmitter (UART)
used for serial data communications. Its principal function is to convert parallel data
into serial data, and vice versa. The UART can handle serial data rates up to 3 Mbit/s.
The SC16C650B is pin compatible with the ST16C650A and it will power-up to be
functionally equivalent to the 16C450. Programming of control registers enables the
added features of the SC16C650B. Some of these added features are the 32-byte
receive and transmit FIFOs, automatic hardware or software flow control and infrared
encoding/decoding. The selectable auto-flow control feature significantly reduces
software overload and increases system efficiency while in FIFO mode by
automatically controlling serial data flow using RTS output and CTS input signals.
The SC16C650B also provides DMA mode data transfers through FIFO trigger levels
and the RXRDY and TXRDY signals. On-board status registers provide the user with
error indications, operational status, and modem interface control. System interrupts
may be tailored to meet user requirements. An internal loop-back capability allows
on-board diagnostics.
The SC16C650B operates at 5 V, 3.3 V and 2.5 V, and the industrial temperature
range, and is available in plastic DIP40, PLCC44, LQFP48, and HVQFN32 packages.
2.
Features
s Single channel
s 5 V, 3.3 V and 2.5 V operation
s 5 V tolerant inputs
s Industrial temperature range (
−40 °C to +85 °C)
s After reset, all registers are identical to the typical 16C450 register set
s Capable of running with all existing generic 16C450 software
s Pin compatibility with the industry-standard ST16C450/550, TL16C450/550,
PC16C450/550. Software compatible with ST16C650.
s Up to 3 Mbit/s transmit/receive operation at 5 V, 2 Mbit/s at 3.3 V, and 1 Mbit/s at
2.5 V
s 32 byte transmit FIFO
s 32 byte receive FIFO with error flags
s Programmable auto-RTS and auto-CTS
x In auto-CTS mode, CTS controls transmitter
x In auto-RTS mode, RxFIFO contents and threshold control RTS
s Automatic software/hardware flow control
s Programmable Xon/Xoff characters


Similar Part No. - SC16C650BIB48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C650BIB48 NXP-SC16C650BIB48 Datasheet
251Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 04-14 September 2009
More results

Similar Description - SC16C650BIB48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C650B NXP-SC16C650B Datasheet
251Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 04-14 September 2009
SC16C652B NXP-SC16C652B_V01 Datasheet
219Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev.04-1 September 2005
SC16C654B PHILIPS-SC16C654B Datasheet
302Kb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.), with 64-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 02-20 June 2005
SC16C652B PHILIPS-SC16C652B Datasheet
205Kb / 44P
   5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
Rev. 03-10 December 2004
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
SC16C750B NXP-SC16C750B Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C750B PHILIPS-SC16C750B Datasheet
216Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 03-13 December 2004
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C751B NXP-SC16C751B Datasheet
159Kb / 32P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 02-10 October 2008
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com