Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2592B-5BTQ Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2592B-5BTQ
Description  Dual-Slot PCI Express Hot-Plug Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2592B-5BTQ Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2592B-5BTQ Datasheet HTML 6Page - Micrel Semiconductor MIC2592B-5BTQ Datasheet HTML 7Page - Micrel Semiconductor MIC2592B-5BTQ Datasheet HTML 8Page - Micrel Semiconductor MIC2592B-5BTQ Datasheet HTML 9Page - Micrel Semiconductor MIC2592B-5BTQ Datasheet HTML 10Page - Micrel Semiconductor MIC2592B-5BTQ Datasheet HTML 11Page - Micrel Semiconductor MIC2592B-5BTQ Datasheet HTML 12Page - Micrel Semiconductor MIC2592B-5BTQ Datasheet HTML 13Page - Micrel Semiconductor MIC2592B-5BTQ Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
MIC2592B
Micrel
March 2005
10
M9999-033105
Timing Diagrams
t1
t4
SCL
SDA
Data In
SDA
Data Out
t2
t5
t3
Figure 1. SMBus Timing
6V
12VGATE
VTHFAST
VTHILIMIT
tOFF(12V)
VIN – VSENSE
t
0V
Figure 2. 12V Current Limit Response Timing
1V
3VGATE
VTHFAST
VTHILIMIT
tOFF(3V)
VIN – VSENSE
0V
t
Figure 3. 3V Current Limit Response Timing
IOUT(AUX)
IOUT(AUX)
ILIM(AUX)
Must Trip
May Not Trip
IAUX(THRESH)
I
0
t
Figure 4. VAUX Current Limit Threshold
IOUT(AUX)
tSC(TRAN)
ILIM(AUX)
ISC(TRAN)
I
O
t
Figure 5. VAUX Current Limit Response Timing


Similar Part No. - MIC2592B-5BTQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
More results

Similar Description - MIC2592B-5BTQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com