Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5033DUPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5033DUPA
Description  500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5033DUPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5033DUPA Datasheet HTML 1Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 2Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 3Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 4Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 5Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 6Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 7Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 8Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
500mA, 76V, High-Efficiency, MAXPower
Step-Down DC-DC Converter
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (MAX5033_U_ _) (continued)
(VIN = +12V, VON/OFF = +12V, IOUT = 0, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C. See the
Typical Application Circuit.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Switch On-Resistance
RDS(ON)
ISWITCH = 500mA
0.4
0.80
PFM Threshold
IPFM
Minimum switch current in any cycle
35
65
95
mA
FB Input Bias Current
IB
MAX5033D
-150
+0.01
+150
nA
ON/
OFF CONTROL INPUT
ON/OFF Input-Voltage Threshold
VON/OFF
Rising trip point
1.53
1.69
1.85
V
ON/OFF Input-Voltage Hysteresis
VHYST
100
mV
ON/OFF Input Current
ION/OFF
VON/OFF = 0V to VIN
10
150
nA
OSCILLATOR
Oscillator Frequency
fOSC
109
125
135
kHz
Maximum Duty Cycle
DMAX
MAX5033D
95
%
VOLTAGE REGULATOR
Regulator Output Voltage
VD
VIN = 8.5V to 76V, IL = 0mA
6.9
7.8
8.8
V
Dropout Voltage
7.5V
≤ VIN ≤ 8.5V, IL = 1mA
2.0
V
Load Regulation
∆VD/∆IVD 0 to 5mA
150
PACKAGE THERMAL CHARACTERISTICS
SO package (JEDEC 51)
170
Thermal Resistance
(Junction to Ambient)
θJA
DIP package (JEDEC 51)
110
°C/W
THERMAL SHUTDOWN
Thermal-Shutdown Junction
Temperature
TSH
+160
°C
Thermal-Shutdown Hysteresis
THYST
20
°C
ELECTRICAL CHARACTERISTICS (MAX5033_A_ _)
(VIN = +12V, VON/ OFF = +12V, IOUT = 0, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See
the Typical Application Circuit.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX5033A
7.5
76.0
MAX5033B
7.5
76.0
MAX5033C
15
76
Input Voltage Range
VIN
MAX5033D
7.5
76.0
V
Undervoltage Lockout
UVLO
5.2
V
MAX5033A, VIN = 7.5V to 76V,
IOUT = 20mA to 500mA
3.185
3.3
3.415
MAX5033B, VIN = 7.5V to 76V,
IOUT = 20mA to 500mA
4.825
5.0
5.175
Output Voltage
VOUT
MAX5033C, VIN = 15V to 76V,
IOUT = 20mA to 500mA
11.58
12
12.42
V


Similar Part No. - MAX5033DUPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5033DUPA MAXIM-MAX5033DUPA Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
More results

Similar Description - MAX5033DUPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630A LINER-LTC3630A Datasheet
346Kb / 24P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
logo
Maxim Integrated Produc...
MAX17761 MAXIM-MAX17761 Datasheet
941Kb / 17P
   4.5V to 76V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 2/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com