Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5033DUPA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5033DUPA
Description  500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5033DUPA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5033DUPA Datasheet HTML 3Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 4Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 5Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 6Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 7Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 8Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 9Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 10Page - Maxim Integrated Products MAX5033DUPA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
500mA, 76V, High-Efficiency, MAXPower
Step-Down DC-DC Converter
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VIN = 12V, VON/OFF = 12V, TA = -40
°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Application Circuit, if applicable.)
MAX5033BASA
LX WAVEFORMS
MAX5033 toc19
4
µs/div
B
0
A
A: SWITCH VOLTAGE (LX PIN) 20V/div, VIN = 48V
B: INDUCTOR CURRENT, 200mA/div, (IOUT = 500mA)
MAX5033BASA LX WAVEFORMS
MAX5033 toc20
4
µs/div
B
0
A
0
A: SWITCH VOLTAGE, 20V/div, VIN = 48V
B: INDUCTOR CURRENT, 100mA/div (IOUT = 30mA)
MAX5033BASA LX WAVEFORMS
MAX5033 toc21
4
µs/div
B
A
A: SWITCH VOLTAGE (LX PIN), 20V/div, VIN = 48V
B: INDUCTOR CURRENT, 100mA/div (IOUT = 0)
0
0
MAX5033BASA STARTUP WAVEFORM
(IO = 0)
MAX5033 toc22
1ms/div
B
A
A: VON/OFF, 2V/div
B: VOUT, 2V/div
MAX5033BASA STARTUP WAVEFORM
(IO = 0.5A)
MAX5033 toc23
1ms/div
B
A
A: VON/OFF, 2V/div
B: VOUT, 2V/div
PEAK SWITCH CURRENT LIMIT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
56
66
46
36
26
16
0.8
1.1
1.4
1.7
2.0
0.5
676
MAX5033BASA
VOUT = 5V
5% DROP IN VOUT


Similar Part No. - MAX5033DUPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5033DUPA MAXIM-MAX5033DUPA Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
More results

Similar Description - MAX5033DUPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630A LINER-LTC3630A Datasheet
346Kb / 24P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
logo
Maxim Integrated Produc...
MAX17761 MAXIM-MAX17761 Datasheet
941Kb / 17P
   4.5V to 76V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 2/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com