Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2592B-2YTQ Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2592B-2YTQ
Description  Dual-Slot PCI Express Hot-Plug Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2592B-2YTQ Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2592B-2YTQ Datasheet HTML 7Page - Micrel Semiconductor MIC2592B-2YTQ Datasheet HTML 8Page - Micrel Semiconductor MIC2592B-2YTQ Datasheet HTML 9Page - Micrel Semiconductor MIC2592B-2YTQ Datasheet HTML 10Page - Micrel Semiconductor MIC2592B-2YTQ Datasheet HTML 11Page - Micrel Semiconductor MIC2592B-2YTQ Datasheet HTML 12Page - Micrel Semiconductor MIC2592B-2YTQ Datasheet HTML 13Page - Micrel Semiconductor MIC2592B-2YTQ Datasheet HTML 14Page - Micrel Semiconductor MIC2592B-2YTQ Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
March 2005
11
M9999-033105
MIC2592B
Micrel
Typical Characteristics
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.30
0
1
1.20
1.20
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
CFILTER Threshold
vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
00
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
CFILTER Charging Current
vs. Temperature
0
0.3
0.4
0.5
0.6
0.7
0.8
0
1
00
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
Auxiliary Regulated Current
vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
00
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
Supply Current
vs. Temperature
12V
STBY
3V
0
1
2
3
4
5
6
7
8
9
10
0
1
00
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
UVLO Threshold
vs. Temperature
12V
STBY
3V
0
2
4
6
8
10
12
0
1
00
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
Power-Good Undervoltage
Threshold vs. Temperature
12V
STBY
3V
10
15
20
25
30
35
40
0
1
10
10
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
GATE Start-Up Curent
vs. Temperature
12V SINK
3V CHARGE
-0.50
-0.25
0
0.25
0.50
0.75
1.00
1.25
1.50
0
1
-0.50
-0.50
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
12V GATE(ON)
vs. Temperature
10.00
10.25
10.50
10.75
11.00
11.25
11.50
11.75
12.00
0
1
10.00
10.00
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
3V GATE
vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
0
1
00
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
GATE Shutdown Current
vs. Temperature
12V PULLUP
3V SINK
45
46
47
48
49
50
51
52
53
54
55
0
1
45
45
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
Current Limit (Slow Threshold)
vs. Temperature
12V
3V
80
85
90
95
100
105
110
115
120
0
1
80
80
0 20 30 40 50 6
0 5
0 5
0 70
TEMPERATURE (°C)
Current Limit (Fast Threshold)
vs. Temperature
MIC2592B-2BTQ
12V
3V


Similar Part No. - MIC2592B-2YTQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
More results

Similar Description - MIC2592B-2YTQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com