Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M56754SP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M56754SP
Description  4-CHANNEL ACTUATOR MOTOR DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56754SP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M56754SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56754SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56754SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56754SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56754SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56754SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56754SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-CHANNEL ACTUATOR MOTOR DRIVER
M56754SP
MITSUBISHI <CONTROL / DRIVER IC>
1
2
3
4
5
12
3
4
5
(V)
0
VCC=5V
0.5
(V)
Input Voltage Vin
Vref
(2.5V)
Vrefm
(2.15V)
VM1-
0.92V
VM1+
0.92V
Vctl1H
0.2V
Input/output voltage for Vctl/1H( 5 pin) input
CH1 AMP.
VM1+
7
6
20k
VM1–
Vref
Vctl1H
Reference
voltage
(Vref=2.5V)
4
5
4.34k
4.7k
Vctl1L
32
Non-inverted output amplifier
(Gain=5 times)
Inverted output amplifier
(Gain=5 times)
(Unit of resistance:
Ω)
BASIC CHARACTERISTICS
Input/output Characteristics of Amplifier
OPERATIONAL AMP.
A1+
A1out
A1-
2.25V
Vin
Vo
14
15
16


Similar Part No. - M56754SP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M56750FP HITACHI-M56750FP Datasheet
119Kb / 9P
   3-PHASE BRUSHLESS MOTOR DRIVER
logo
Renesas Technology Corp
M56750FP RENESAS-M56750FP Datasheet
118Kb / 9P
   3-PHASE BRUSHLESS MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
   SPINDLE MOTOR DRIVER
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
More results

Similar Description - M56754SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56748FP MITSUBISHI-M56748FP Datasheet
71Kb / 5P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M63000SP MITSUBISHI-M63000SP Datasheet
752Kb / 6P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56749FP MITSUBISHI-M56749FP Datasheet
1Mb / 6P
   4 CHANNEL ACTUATOR MOTOR DRIVER
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
   5 CHANNEL ACTUATOR MOTOR DRIVER
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56789FP MITSUBISHI-M56789FP Datasheet
632Kb / 15P
   4 CHANNEL ACTUATOR DRIVER
M56782FP MITSUBISHI-M56782FP Datasheet
275Kb / 9P
   4 CHANNEL ACTUATOR DRIVER
M56759FP MITSUBISHI-M56759FP Datasheet
381Kb / 11P
   4-CHANNEL ACTUATOR DRIVER
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com