Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16256-60T Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IS41LV16256-60T
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41LV16256-60T Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IS41LV16256-60T Datasheet HTML 1Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 2Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 3Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41LV16256-60T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IS41C16256
IS41LV16256
Integrated Circuit Solution Inc.
5
DR001-0E 01/25/2002
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VT
Voltage on Any Pin Relative to GND
5V
–1.0 to +7.0
V
3.3V
–0.5 to +4.6
VCC
Supply Voltage
5V
–1.0 to +7.0
V
3.3V
–0.5 to +4.6
IOUT
Output Current
50
mA
PD
Power Dissipation
1
W
TA
Commercial Operation Temperature
0 to +70
°C
Industrial Operationg Temperature
–40 to +85
°C
TSTG
Storage Temperature
–55 to +125
°C
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
RECOMMENDED OPERATING CONDITIONS (Voltages are referenced to GND.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
5V
4.5
5.0
5.5
V
3.3V
3.0
3.3
3.6
VIH
Input High Voltage
5V
2.4
VCC + 1.0
V
3.3V
2.0
VCC + 0.3
VIL
Input Low Voltage
5V
–1.0
0.8
V
3.3V
–0.3
0.8
TA
Commercial Ambient Temperature
0
70
°C
Industrial Ambient Temperature
–40
85
°C
CAPACITANCE(1,2)
Symbol
Parameter
Max.
Unit
CIN1
Input Capacitance: A0-A8
5
pF
CIN2
Input Capacitance:
RAS, UCAS, LCAS, WE, OE
7pF
CIO
Data Input/Output Capacitance: I/O0-I/O15
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz.


Similar Part No. - IS41LV16256-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16256-60T ISSI-IS41LV16256-60T Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256-60TI ISSI-IS41LV16256-60TI Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV16256-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com