Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6101EUR Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6101EUR
Description  PLASTIC ENCAPSULATED DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6101EUR Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6101EUR Datasheet HTML 1Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 2Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 3Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 4Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 5Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 6Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 7Page - Maxim Integrated Products MAX6101EUR Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Conclusion
The MAX6101 successfully meets the quality and reliability standards required of all Maxim products. In addition,
Maxim’s continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim’s quality
and reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Ma nufacturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
.....Attachments
I. Device Description
A. General
The MAX6101 is a low-cost, low-dropout (LDO), micropower voltage references. This three-terminal reference has an
output voltage option of 1.25V. It features a proprietary curvature-correction circuit and laser-trimmed, thin-film
resistors that result in a low temperature coefficient of 75ppm/°C (max) and an initial accuracy of ±0.4% (max). This
device is specified over the extended temperature range (-40°C to +85°C).
This series-mode voltage reference draws only 90µA of supply current and can source 5mA and sink 2mA of load
current. Unlike conventional shunt-mode (two-terminal) references that waste supply current and require an external
resistor, this device offers a supply current that is virtually independent of the supply voltage (with only a 4µA/V
variation with supply voltage) and does not require an external resistor. Additionally, this internally compensated
device does not require an external compensation capacitor and is stable with load capacitance. Eliminating the
external compensation capacitor saves valuable board area in space-critical applications. Low dropout voltage and
supply-independent, ultra-low supply current makes this device ideal for battery-operated, high-performance, low-
voltage systems.
The MAX6101 is available in a tiny 3-pin SOT23 packages.
B. Absolute Maximum Ratings
Item
Rating
(Voltages Referenced to GND)
IN
-0.3V to +13.5V
OUT
-0.3V to (VIN + 0.3V)
Output Short-Circuit to GND or IN (VIN < 6V)
Continuous
Output Short-Circuit to GND or IN (VIN = 6V)
60s
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23
320mW
Derates above +70°C
3-Pin SOT23
4.0mW/°C


Similar Part No. - MAX6101EUR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6101EUR-T MAXIM-MAX6101EUR-T Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6101EUR-T MAXIM-MAX6101EUR-T Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
More results

Similar Description - MAX6101EUR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com