Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4843 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4843
Description  Overvoltage Protection Controllers with Low Standby Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4843 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX4843 Datasheet HTML 1Page - Maxim Integrated Products MAX4843 Datasheet HTML 2Page - Maxim Integrated Products MAX4843 Datasheet HTML 3Page - Maxim Integrated Products MAX4843 Datasheet HTML 4Page - Maxim Integrated Products MAX4843 Datasheet HTML 5Page - Maxim Integrated Products MAX4843 Datasheet HTML 6Page - Maxim Integrated Products MAX4843 Datasheet HTML 7Page - Maxim Integrated Products MAX4843 Datasheet HTML 8Page - Maxim Integrated Products MAX4843 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Applications Information
MOSFET Configuration
The MAX4843–MAX4846 can be used with either a sin-
gle MOSFET configuration as shown in the Typical
Operating Circuit, or can be configured with a back-to-
back MOSFET as shown in Figure 5. The back-to-back
configuration has almost zero reverse current when the
input supply is below the output.
If reverse current leakage is not a concern, a single
MOSFET can be used. This approach has half the loss of
the back-to-back configuration when used with similar
MOSFET types and is a lower cost solution. Note that if
the input is actually pulled low, the output is also pulled
low due to the parasitic body diode in the MOSFET. If
this is a concern, the back-to-back configuration should
be used.
In a typical application of the MAX4846, an external
adapter with built-in battery charger is connected to IN
and a battery is connected to the source of the external
FET. When the adapter is unplugged, IN is directly con-
nected to the battery through the external FET. Since
the battery voltage is typically greater than 3V, the
GATE voltage stays high and the device remains pow-
ered by the battery.
MOSFET Selection
The MAX4843–MAX4846 are designed for use with
either a single n-channel MOSFET or dual back-to-back
n-channel MOSFETs. In most situations, MOSFETs with
RDS(ON) specified for a VGS of 4.5V work well. If the
input supply is near the UVLO maximum of 3.5V, consid-
er using a MOSFET specified for a lower VGS voltage.
Also the VDS should be 30V for the MOSFET to with-
stand the full 28V IN range of the MAX4843–MAX4846.
Table 1 shows a selection of MOSFETs appropriate for
use with the MAX4843–MAX4846.
IN Bypass Considerations
For most applications, bypass IN to GND with a 1µF
ceramic capacitor. If the power source has significant
inductance due to long lead length, take care to pre-
vent overshoots due to the LC tank circuit and provide
protection if necessary to prevent exceeding the 30V
absolute maximum rating on IN.
The MAX4843–MAX4846 provide protection against
voltage faults up to 28V, but this does not include neg-
ative voltages. If negative voltages are a concern, con-
nect a Schottky diode from IN to GND to clamp
negative input voltages.
ESD Test Conditions
ESD performance depends on a number of conditions.
The MAX4843–MAX4846 are protected from ±15kV typ-
ical ESD on IN when IN is bypassed to ground with a
1µF ceramic capacitor.
Overvoltage Protection Controllers with
Low Standby Current
_______________________________________________________________________________________
7
MAX4843–
MAX4846
4
GATE
FLAG
VIO
N
3
1
IN
2
GND
INPUT
+1.2V TO +28V
1
µF
N
PART
CONFIGURATION/
PACKAGE
VDS MAX (V)
RON at 4.5V (mΩ)
MANUFACTURER
Si5902DC
Dual/1206-8
30
143
Si1426DH
Single/SSOT-6
30
115
Vishay Siliconix
www.vishay.com
FDC6561AN
Dual/SSOT-6
30
145
FDC6305N
Dual/SSOT-6
20
80
FDG315N
Single/SC70-6
30
160
Fairchild Semiconductor
www.fairchildsemi.com
Figure 5. Back-to-Back External MOSFET Configuration
Table 1. MOSFET Suggestions


Similar Part No. - MAX4843

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4843 MAXIM-MAX4843 Datasheet
198Kb / 10P
   Overvoltage Protection Controllers with Low Standby Current
2009
MAX4843ELT MAXIM-MAX4843ELT Datasheet
198Kb / 10P
   Overvoltage Protection Controllers with Low Standby Current
2009
MAX4843 MAXIM-MAX4843_V01 Datasheet
198Kb / 10P
   Overvoltage Protection Controllers with Low Standby Current
2009
More results

Similar Description - MAX4843

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4843 MAXIM-MAX4843_V01 Datasheet
198Kb / 10P
   Overvoltage Protection Controllers with Low Standby Current
2009
MAX4881 MAXIM-MAX4881 Datasheet
303Kb / 13P
   Overvoltage Protection Controllers with Current Limit in TDFN
19-3777; Rev 2; 10/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4838 MAXIM-MAX4838 Datasheet
227Kb / 10P
   Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
MAX4838A MAXIM-MAX4838A Datasheet
503Kb / 11P
   Overvoltage-Protection Controllers with Status FLAG
Rev 0; 2/06
MAX4970 MAXIM-MAX4970 Datasheet
169Kb / 9P
   Overvoltage-Protection Controllers with a Low RON Internal FET
Rev 1; 8/08
MAX1807 MAXIM-MAX1807 Datasheet
240Kb / 10P
   Micropower Adjustable Overvoltage Protection Controllers
Rev 0; 10/00
MAX6495 MAXIM-MAX6495_11 Datasheet
231Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com