Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1428 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1428
Description  15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1428 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1428 Datasheet HTML 1Page - Maxim Integrated Products MAX1428 Datasheet HTML 2Page - Maxim Integrated Products MAX1428 Datasheet HTML 3Page - Maxim Integrated Products MAX1428 Datasheet HTML 4Page - Maxim Integrated Products MAX1428 Datasheet HTML 5Page - Maxim Integrated Products MAX1428 Datasheet HTML 6Page - Maxim Integrated Products MAX1428 Datasheet HTML 7Page - Maxim Integrated Products MAX1428 Datasheet HTML 8Page - Maxim Integrated Products MAX1428 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
15-Bit, 80Msps ADC with -78.4dBFS
Noise Floor for IF Applications
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVCC = 5V, DVCC = DRVCC = 2.5V, GND = 0, INP and INN driven differentially with -2dBFS, CLKP and CLKN driven differentially
with a 2VP-P sinusoidal input signal, CL = 5pF at digital outputs, fCLK = 80MHz, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C, unless otherwise noted.
≥+25°C guaranteed by production test, <+25°C guaranteed by design and char-
acterization.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVCC, DVCC, DRVCC to GND.................................. -0.3V to +6V
INP, INN, CLKP, CLKN, CM to GND........-0.3V to (AVCC + 0.3V)
D0–D14, DAV, DOR to GND..................-0.3V to (DRVCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
56-Pin Thin QFN (derate 47.6mW/°C above +70°C) ...3809.5mW
Operating Temperature Range ...........................-40°C to +85°C
Thermal Resistance
θJA...................................................21°C/W
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
15
Bits
Integral Nonlinearity
INL
fIN = 15MHz
±1.5
LSB
Differential Nonlinearity
DNL
fIN = 70MHz, no missing codes guaranteed
±0.4
LSB
Offset Error
-12
+12
mV
Gain Error
-4
+4
%FS
ANALOG INPUT (INP, INN)
Differential Input Voltage Range
VDIFF
Fully differential inputs drive, VDIFF = VINP - VINN
2.56
VP-P
Common-Mode Input Voltage
VCM
Self-biased
4.163
V
Differential Input Resistance
RIN
1
±15%
k
Differential Input Capacitance
CIN
1pF
Full-Power Analog Bandwidth
FPBW
-1dB
-1dB rolloff for a full-scale input
260
MHz
CONVERSION RATE
Maximum Clock Frequency
fCLK
80
MHz
Minimum Clock Frequency
fCLK
20
MHz
Aperture Jitter
tAJ
0.21
psRMS
CLOCK INPUT (CLKP, CLKN)
Full-Scale Differential Input
Voltage
VDIFFCLK Fully differential input drive, VCLKP - VCLKN
0.5 to
3.0
V
Common-Mode Input Voltage
VCM
Self-biased
2.4
V
Differential Input Resistance
RINCLK
2
±15%
k
Differential Input Capacitance
CINCLK
1pF
DYNAMIC CHARACTERISTICS
Thermal + Quantization
Noise Floor
NF
Analog input <-35dBFS
-78.4
dBFS


Similar Part No. - MAX1428

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1428 MAXIM-MAX1428 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
More results

Similar Description - MAX1428

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX1429 MAXIM-MAX1429 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
MAX1419 MAXIM-MAX1419 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX19586 MAXIM-MAX19586 Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
logo
Linear Technology
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com