Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41C16256-25K Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IS41C16256-25K
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41C16256-25K Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IS41C16256-25K Datasheet HTML 3Page - Integrated Circuit Solution Inc IS41C16256-25K Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41C16256-25K Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41C16256-25K Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41C16256-25K Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41C16256-25K Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41C16256-25K Datasheet HTML 9Page - Integrated Circuit Solution Inc IS41C16256-25K Datasheet HTML 10Page - Integrated Circuit Solution Inc IS41C16256-25K Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IS41C16256
IS41LV16256
Integrated Circuit Solution Inc.
7
DR001-0E 01/25/2002
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-25
-35
-50
-60
Symbol
Parameter
Min. Max. Min. Max.
Min. Max. Min. Max. Units
tRC
Random READ or WRITE Cycle Time
45
60
90
110
ns
tRAC
Access Time from
RAS(6, 7)
—25
35
—50
60
ns
tCAC
Access Time from
CAS(6, 8, 15)
—10
10
—14
15
ns
tAA
Access Time from Column-Address(6)
—12
18
—25
30
ns
tRAS
RAS Pulse Width
25
10K
35
10K
50
10K
60
10K
ns
tRP
RAS Precharge Time
15
20
30
40
ns
tCAS
CAS Pulse Width(26)
4
10K
6
10K
8
10K
10
10K
ns
tCP
CAS Precharge Time(9, 25)
4—
5
8
10
ns
tCSH
CAS Hold Time (21)
25
35
50
60
ns
tRCD
RAS to CAS Delay Time(10, 20)
10
17
11
28
19
36
20
45
ns
tASR
Row-Address Setup Time
0
0
0
0
ns
tRAH
Row-Address Hold Time
6
6
8
10
ns
tASC
Column-Address Setup Time(20)
0—
0
0
0—
ns
tCAH
Column-Address Hold Time(20)
5—
6
8
10
ns
tAR
Column-Address Hold Time
19
30
40
40
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
820
10
20
14
2515
30
ns
tRAL
Column-Address to
RAS Lead Time
12
18
25
30
ns
tRPC
RAS to CAS Precharge Time
0
0
0
0
ns
tRSH
RAS Hold Time(27)
7—
8
14
—15
ns
tCLZ
CAS to Output in Low-Z(15, 29)
3—
3
3
3—
ns
tCRP
CAS to RAS Precharge Time(21)
5—
5
5
5—
ns
tOD
Output Disable Time(19, 28, 29)
2
12
3
12
3
12
3
12
ns
tOE
Output Enable Time(15, 16)
08
0
10
0
15
15
ns
tOEHC
OE HIGH Hold Time from CAS HIGH
10
10
10
10
ns
tOEP
OE HIGH Pulse Width
10
10
10
10
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0—
0
0
0—
ns
tRRH
Read Command Hold Time
0
0
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
0
0
ns
(referenced to
CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17, 27)
5—
5
8
10
ns
tWCR
Write Command Hold Time
19
30
40
50
ns
(referenced to
RAS)(17)
tWP
Write Command Pulse Width(17)
5—
5
8
10
ns
tWPZ
WE Pulse Widths to Disable Outputs
10
10
10
10
ns
tRWL
Write Command to
RAS Lead Time(17)
7—
8
14
—15
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
5—
8
14
—15
ns
tWCS
Write Command Setup Time(14, 17, 20)
0—
0
0
0—
ns
tDHR
Data-in Hold Time (referenced to
RAS)
19—
30
40—
40
ns


Similar Part No. - IS41C16256-25K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16256-35K ISSI-IS41C16256-35K Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256-35T ISSI-IS41C16256-35T Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256-50KI ISSI-IS41C16256-50KI Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256-50TI ISSI-IS41C16256-50TI Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256-60K ISSI-IS41C16256-60K Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C16256-25K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com