Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANSR2N7426 Datasheet(PDF) 4 Page - International Rectifier

Part # JANSR2N7426
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANSR2N7426 Datasheet(HTML) 4 Page - International Rectifier

  JANSR2N7426 Datasheet HTML 1Page - International Rectifier JANSR2N7426 Datasheet HTML 2Page - International Rectifier JANSR2N7426 Datasheet HTML 3Page - International Rectifier JANSR2N7426 Datasheet HTML 4Page - International Rectifier JANSR2N7426 Datasheet HTML 5Page - International Rectifier JANSR2N7426 Datasheet HTML 6Page - International Rectifier JANSR2N7426 Datasheet HTML 7Page - International Rectifier JANSR2N7426 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRHM9260, JANSR2N7426
Pre-Irradiation
4
www.irf.com
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
10
100
1000
1
10
100

20µs PULSE WIDTH
T = 25 C
J
°

TOP
BOTTOM
VGS
-15V
-12V
-10V
-9.0V
-8.0V
-7.0V
-6.0V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
10
100
1000
1
10
100

20µs PULSE WIDTH
T = 150 C
J
°

TOP
BOTTOM
VGS
-15V
-12V
-10V
-9.0V
-8.0V
-7.0V
-6.0V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
10
100
1000
5
6
7
8
9
10
11
12

V
= -50V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS

T = 25 C
J
°

T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature( C)
J
°


V
=
I =
GS
D
-12V
-27A


Similar Part No. - JANSR2N7426

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSR2N7426 IRF-JANSR2N7426 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSR2N7426U IRF-JANSR2N7426U Datasheet
118Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results

Similar Description - JANSR2N7426

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSR2N7392 IRF-JANSR2N7392 Datasheet
274Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU - HOLE ( TO - 254AA )
IRHM7250 IRF-IRHM7250 Datasheet
271Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7054 IRF-IRHM7054 Datasheet
166Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7Z60 IRF-IRHM7Z60 Datasheet
131Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7450 IRF-IRHM7450_06 Datasheet
303Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM93130 IRF-IRHM93130 Datasheet
139Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9150 IRF-IRHM9150 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM57Z60 IRF-IRHM57Z60 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
JANSR2N7423 IRF-JANSR2N7423 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-254AA)
IRHM7260 IRF-IRHM7260 Datasheet
265Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE(T0-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com